Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAW-BSG Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # NAW-BSG
Description  Super high brightness surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NAW-BSG Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  NAW-BSG Datasheet HTML 1Page - DOMINANT Semiconductors NAW-BSG Datasheet HTML 2Page - DOMINANT Semiconductors NAW-BSG Datasheet HTML 3Page - DOMINANT Semiconductors NAW-BSG Datasheet HTML 4Page - DOMINANT Semiconductors NAW-BSG Datasheet HTML 5Page - DOMINANT Semiconductors NAW-BSG Datasheet HTML 6Page - DOMINANT Semiconductors NAW-BSG Datasheet HTML 7Page - DOMINANT Semiconductors NAW-BSG Datasheet HTML 8Page - DOMINANT Semiconductors NAW-BSG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Characteristics
Symbol
Part Number
Value
Unit
Temperature coefficient of VF (typ)
IF = 60mA; 0 ˚C <= T <= 85˚C
Temperature coefficient of IV (typ)
IF = 60mA; 0 ˚C <= T <= 85 ˚C
Temperature coefficient of Cx (typ)
IF = 60mA; 0 ˚C <= T <= 85 ˚C
Temperature coefficient of Cy (typ)
IF = 60mA; 0 ˚C <= T <= 85 ˚C
TCV
TCIV
TCCx
TCCy
NAW-BSG
NAW-BSG
NAW-BSG
NAW-BSG
-2.70
-10.4
-0.0002
-0.0001
mV / K
mcd / K
60 InGaN White: NAW-BSG
05/03/2010 V(5)
3
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - NAW-BSG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NAW-BSG0 DOMINANT-NAW-BSG0 Datasheet
873Kb / 14P
   Super high brightness surface mount LED
More results

Similar Description - NAW-BSG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DPF-EJG-3ZCA-1 DOMINANT-DPF-EJG-3ZCA-1 Datasheet
1Mb / 17P
   Super high brightness surface mount LED
MBFF-FSC DOMINANT-MBFF-FSC Datasheet
1Mb / 18P
   Super high brightness surface mount LED
MAX-PHG DOMINANT-MAX-PHG Datasheet
910Kb / 13P
   Super high brightness surface mount LED
NGW-WSG DOMINANT-NGW-WSG Datasheet
919Kb / 14P
   Super high brightness surface mount LED
NSW-FSC DOMINANT-NSW-FSC Datasheet
1Mb / 15P
   Super high brightness surface mount LED
NSW-FSCR9S-1 DOMINANT-NSW-FSCR9S-1 Datasheet
1Mb / 15P
   Super high brightness surface mount LED
MAF-PSC DOMINANT-MAF-PSC Datasheet
1Mb / 17P
   Super high brightness surface mount LED
MAW-KZHG DOMINANT-MAW-KZHG Datasheet
1Mb / 14P
   Super high brightness surface mount LED
MAW-PSC DOMINANT-MAW-PSC Datasheet
1Mb / 13P
   Super high brightness surface mount LED
MAW-YZHG DOMINANT-MAW-YZHG Datasheet
1,014Kb / 15P
   Super high brightness surface mount LED
NAX-PHG DOMINANT-NAX-PHG Datasheet
883Kb / 13P
   Super high brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com