Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAW-BSG0 Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # NAW-BSG0
Description  Super high brightness surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NAW-BSG0 Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  NAW-BSG0 Datasheet HTML 1Page - DOMINANT Semiconductors NAW-BSG0 Datasheet HTML 2Page - DOMINANT Semiconductors NAW-BSG0 Datasheet HTML 3Page - DOMINANT Semiconductors NAW-BSG0 Datasheet HTML 4Page - DOMINANT Semiconductors NAW-BSG0 Datasheet HTML 5Page - DOMINANT Semiconductors NAW-BSG0 Datasheet HTML 6Page - DOMINANT Semiconductors NAW-BSG0 Datasheet HTML 7Page - DOMINANT Semiconductors NAW-BSG0 Datasheet HTML 8Page - DOMINANT Semiconductors NAW-BSG0 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
08/09/2014 V10.0
5
150 InGaN White: NAW-BSG
N2
N3
P2
P3
Q2
Q3
R2
R3
S2
S3
18.1 ... 20.6
20.6 ... 23.5
23.5 ... 26.8
26.8 ... 30.6
30.6 ... 34.8
34.8 ... 39.8
39.8 ... 45.2
45.2 ... 51.7
51.7 ... 59.0
59.0 ... 67.2
Brightness Group
Luminous Flux @ IV (lm)
Luminous intensity is measured with an accuracy of ± 11%.
Luminous Intensity Group at Tj=250C
Group
Wavelength distribution (nm)
Forward Voltage (V)
Vf Binning (Optional)
Vf Bin @ 150mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Please consult sales and marketing for special part number to incorporate Vf binning.
V1
V2
3.00 ... 3.30
3.30 ... 3.60
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - NAW-BSG0

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NAW-BSG DOMINANT-NAW-BSG Datasheet
713Kb / 14P
   Super high brightness surface mount LED
More results

Similar Description - NAW-BSG0

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DPF-EJG-3ZCA-1 DOMINANT-DPF-EJG-3ZCA-1 Datasheet
1Mb / 17P
   Super high brightness surface mount LED
MBFF-FSC DOMINANT-MBFF-FSC Datasheet
1Mb / 18P
   Super high brightness surface mount LED
MAX-PHG DOMINANT-MAX-PHG Datasheet
910Kb / 13P
   Super high brightness surface mount LED
NGW-WSG DOMINANT-NGW-WSG Datasheet
919Kb / 14P
   Super high brightness surface mount LED
NSW-FSC DOMINANT-NSW-FSC Datasheet
1Mb / 15P
   Super high brightness surface mount LED
NSW-FSCR9S-1 DOMINANT-NSW-FSCR9S-1 Datasheet
1Mb / 15P
   Super high brightness surface mount LED
MAF-PSC DOMINANT-MAF-PSC Datasheet
1Mb / 17P
   Super high brightness surface mount LED
MAW-KZHG DOMINANT-MAW-KZHG Datasheet
1Mb / 14P
   Super high brightness surface mount LED
MAW-PSC DOMINANT-MAW-PSC Datasheet
1Mb / 13P
   Super high brightness surface mount LED
MAW-YZHG DOMINANT-MAW-YZHG Datasheet
1,014Kb / 15P
   Super high brightness surface mount LED
NAX-PHG DOMINANT-NAX-PHG Datasheet
883Kb / 13P
   Super high brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com