Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAX-SSG1 Datasheet(PDF) 6 Page - DOMINANT Semiconductors

Part # NAX-SSG1
Description  Super high brightness surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NAX-SSG1 Datasheet(HTML) 6 Page - DOMINANT Semiconductors

Back Button NAX-SSG1 Datasheet HTML 2Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 3Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 4Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 5Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 6Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 7Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 8Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 9Page - DOMINANT Semiconductors NAX-SSG1 Datasheet HTML 10Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AlInGaP: NAx-SSG
12/07/2012 V.11.0
6
Relative Intensity Vs Forward Current
Forward Current; mA
0
50
100
150
200
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Voltage Vs Forward Current
Forward Current; mA
0
50
100
150
200
0
0.5
1
1.5
2
2.5
Allowable Forward Current Vs Duty Ratio
Duty Ratio, (%)
1
10
100
100
1000
Relative Intensity Vs Wavelength
Wavelength; nm
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Maximum Current Vs Ambient Temperature
Ambient Temperature
0 10 20 30 40 50 60 70 80 90 100 110 120
50
100
150
200
250
Maximum Current vs Solder-Point Temperature
Solder-Point Temperature
0 10 20 30 40 50 60 70 80 90 100 110 120
0
50
100
150
200
250
Duty Ratio, (%); Ta=250C, tp<10us
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - NAX-SSG1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NAX-FSG DOMINANT-NAX-FSG Datasheet
870Kb / 12P
   Super high brightness surface mount LED
NAX-PHG DOMINANT-NAX-PHG Datasheet
883Kb / 13P
   Super high brightness surface mount LED
More results

Similar Description - NAX-SSG1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DPF-EJG-3ZCA-1 DOMINANT-DPF-EJG-3ZCA-1 Datasheet
1Mb / 17P
   Super high brightness surface mount LED
MBFF-FSC DOMINANT-MBFF-FSC Datasheet
1Mb / 18P
   Super high brightness surface mount LED
MAX-PHG DOMINANT-MAX-PHG Datasheet
910Kb / 13P
   Super high brightness surface mount LED
NGW-WSG DOMINANT-NGW-WSG Datasheet
919Kb / 14P
   Super high brightness surface mount LED
NSW-FSC DOMINANT-NSW-FSC Datasheet
1Mb / 15P
   Super high brightness surface mount LED
NSW-FSCR9S-1 DOMINANT-NSW-FSCR9S-1 Datasheet
1Mb / 15P
   Super high brightness surface mount LED
MAF-PSC DOMINANT-MAF-PSC Datasheet
1Mb / 17P
   Super high brightness surface mount LED
MAW-KZHG DOMINANT-MAW-KZHG Datasheet
1Mb / 14P
   Super high brightness surface mount LED
MAW-PSC DOMINANT-MAW-PSC Datasheet
1Mb / 13P
   Super high brightness surface mount LED
MAW-YZHG DOMINANT-MAW-YZHG Datasheet
1,014Kb / 15P
   Super high brightness surface mount LED
NAX-PHG DOMINANT-NAX-PHG Datasheet
883Kb / 13P
   Super high brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com