Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMRTB-WSG0 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # NMRTB-WSG0
Description  Super high brightness surface mount LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NMRTB-WSG0 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  NMRTB-WSG0 Datasheet HTML 1Page - DOMINANT Semiconductors NMRTB-WSG0 Datasheet HTML 2Page - DOMINANT Semiconductors NMRTB-WSG0 Datasheet HTML 3Page - DOMINANT Semiconductors NMRTB-WSG0 Datasheet HTML 4Page - DOMINANT Semiconductors NMRTB-WSG0 Datasheet HTML 5Page - DOMINANT Semiconductors NMRTB-WSG0 Datasheet HTML 6Page - DOMINANT Semiconductors NMRTB-WSG0 Datasheet HTML 7Page - DOMINANT Semiconductors NMRTB-WSG0 Datasheet HTML 8Page - DOMINANT Semiconductors NMRTB-WSG0 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
RGB SPNova : NMRTB-WSG
Unit
Absolute Maximum Ratings
Maximum Value
DCforwardcurrent(perchip)
Peakpulsecurrent(perchip).(D<=10%;Tp<=10msec)
Reversevoltage
ESDthreshold(HBM)
LEDjunctiontemperature
Operatingtemperature
Storagetemperature
Thermalresistancejunction/solderpoint,RthJS
3chipson
(MountingOnDominantStarRGBMCPCB)
250
500
5
2
125
-40…+100
-40…+100
50
mA
mA
V
kV
˚C
˚C
˚C
K/W
Min. (V)
Vf @ If = 250mA
Forwardvoltage,Vfismeasuredwithacurrentpulseof1msandanaccuracyof±0.1V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Part Number
NMRTB-WSG-1
•Red
•TrueGreen
•Blue
2.0
3.0
3.0
Typ. (V)
2.3
3.4
3.4
2.8
3.8
3.8
Vf @ If = 350mA
2.4
3.6
3.6
Typ. (V)
Radiantintensityismeasuredwithanaccuracyof±11%.
DOMINANT
Opto Technologies
Innovating Illumination
TM
TrueGreen
525nm
TrueGreen
525nm
NMRTB-WSG-AAB+ABD+X2Y-1 Red
625nm
Red
625nm
Part Ordering
Number
Color, λdom (nm)
Luminous Intensity @ IF = 250mA IV (mcd)
Chip #1 Chip #2
Chip #1
Chip #2
Chip #3
Blue
465nm
Blue
465nm
Chip #3
Optical Characteristics at Tj=25˚C
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
7150
7150
9000
9000
11250
11250
9000
9000
14000
14000
18000
18000
2240
2850
4500
5600
3550
4500
NMRTB-WSG-AAB+ABD+YZ1-1
Not for new design
18/05/2015V10.0


Similar Part No. - NMRTB-WSG0

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NMRTB-CSS DOMINANT-NMRTB-CSS Datasheet
535Kb / 13P
   SPNovaLED: 20mA
NMRTB-CSS-T3U3+U3V3+R3S3 DOMINANT-NMRTB-CSS-T3U3+U3V3+R3S3 Datasheet
535Kb / 13P
   SPNovaLED: 20mA
NMRTB-LSG DOMINANT-NMRTB-LSG Datasheet
861Kb / 13P
   Super high brightness surface mount LED
NMRTB-USS-1 DOMINANT-NMRTB-USS-1 Datasheet
549Kb / 13P
   SPNovaLED
More results

Similar Description - NMRTB-WSG0

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DPF-EJG-3ZCA-1 DOMINANT-DPF-EJG-3ZCA-1 Datasheet
1Mb / 17P
   Super high brightness surface mount LED
MBFF-FSC DOMINANT-MBFF-FSC Datasheet
1Mb / 18P
   Super high brightness surface mount LED
MAX-PHG DOMINANT-MAX-PHG Datasheet
910Kb / 13P
   Super high brightness surface mount LED
NGW-WSG DOMINANT-NGW-WSG Datasheet
919Kb / 14P
   Super high brightness surface mount LED
NSW-FSC DOMINANT-NSW-FSC Datasheet
1Mb / 15P
   Super high brightness surface mount LED
NSW-FSCR9S-1 DOMINANT-NSW-FSCR9S-1 Datasheet
1Mb / 15P
   Super high brightness surface mount LED
MAF-PSC DOMINANT-MAF-PSC Datasheet
1Mb / 17P
   Super high brightness surface mount LED
MAW-KZHG DOMINANT-MAW-KZHG Datasheet
1Mb / 14P
   Super high brightness surface mount LED
MAW-PSC DOMINANT-MAW-PSC Datasheet
1Mb / 13P
   Super high brightness surface mount LED
MAW-YZHG DOMINANT-MAW-YZHG Datasheet
1,014Kb / 15P
   Super high brightness surface mount LED
NAX-PHG DOMINANT-NAX-PHG Datasheet
883Kb / 13P
   Super high brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com