Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUS50 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BUS50
Description  NPN Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUS50 Datasheet(HTML) 2 Page - ON Semiconductor

  BUS50 Datasheet HTML 1Page - ON Semiconductor BUS50 Datasheet HTML 2Page - ON Semiconductor BUS50 Datasheet HTML 3Page - ON Semiconductor BUS50 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BUS50
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS2
Collector–Emitter Sustaining Voltage
(IC = 200 mA, IB = 0, L = 25 mH)
VCEO(sus)
125
Vdc
Collector Cutoff Current at Reverse Bias
(VCE = 200 V, VBE = –1.5 V)
(VCE = 200 V, VBE = –1.5 V, TC = 125_C)
ICEX
0.2
2
mAdc
Collector–Emitter Cutoff Current
(VCE = 125 V)
ICEO
1
mAdc
Emitter Cutoff Current
(VEB = 7 V)
IEBO
0.2
mAdc
ON CHARACTERISTICS2
DC Current Gain
(IC = 5 A, VCE = 4 V)
(IC = 50 A, VCE = 4 V)
hFE
20
15
Collector–Emitter Saturation Voltage
(IC = 35 A, IB = 2 A)
(IC = 70 A, IB = 7 A)
VCE(sat)
1
1.2
Vdc
Base–Emitter Saturation Voltage
(IC = 35 A, IB = 2 A)
(IC = 70 A, IB = 7 A)
VBE(sat)
1.8
2
Vdc
SWITCHING CHARACTERISTICS (Resistive Load) ton and (Inductive Load) tsv, tfi
Turn–On Time
I
70 A I
7A V
5V
ton
1.2
µs
Storage Time
IC = 70 A, IB1 = 7 A VBE(off) = –5 V
(VCC = 125 V)
tsv
1.5
Fall Time
(VCC = 125 V)
tfi
0.3
2 Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2%.


Similar Part No. - BUS50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS50 MOTOROLA-BUS50 Datasheet
115Kb / 4P
   70 AMPERES NPN SILICON POWER TRANSISTOR 125 VOLTS (BVCEO) 350 WATTS 200 V (BVCES)
logo
Seme LAB
BUS50 SEME-LAB-BUS50 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BUS50 ISC-BUS50 Datasheet
182Kb / 2P
   isc Silicon NPN Power Transistor
BUS50 ISC-BUS50 Datasheet
240Kb / 2P
   isc Silicon NPN Power Transistor
logo
Power-One
BUS505 POWER-ONE-BUS505 Datasheet
104Kb / 2P
   BUS DC/DC converters(3 WATT)
More results

Similar Description - BUS50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com