Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV8907UW Datasheet(PDF) 5 Page - ON Semiconductor

Part # LV8907UW
Description  Sensor-less Three-phase Brushless DC Motor Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8907UW Datasheet(HTML) 5 Page - ON Semiconductor

  LV8907UW Datasheet HTML 1Page - ON Semiconductor LV8907UW Datasheet HTML 2Page - ON Semiconductor LV8907UW Datasheet HTML 3Page - ON Semiconductor LV8907UW Datasheet HTML 4Page - ON Semiconductor LV8907UW Datasheet HTML 5Page - ON Semiconductor LV8907UW Datasheet HTML 6Page - ON Semiconductor LV8907UW Datasheet HTML 7Page - ON Semiconductor LV8907UW Datasheet HTML 8Page - ON Semiconductor LV8907UW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
LV8907UW
www.onsemi.com
5
PIN DESCRIPTION
Pin
Name
Pin
No
Description
VCC
1
5V or 3.3V regulator output pin. (Selected by internal register setting)
Power supply for microcontroller. Connect capacitor to AGND for stability.
RXD
2
Open drain logic level output of LIN_PWMIN received data. Use pullup to a voltage less
than or equal to VS.
TXD
3
Logic level input of transmit data for LIN_PWMIN.
PWMIN
4
Digital level PWM input pin for direct drive or speed selection. See page 18 for details.
Input polarity can be programmed for either active high or active low.
AGND
5
Analog GND pin.
NC
6, 14,
16,18,
21, 23
No Connections
CSB
7
Active low SPI interface chip selection pin. See page 23 for SPI timing details.
SCLK
8
SPI interface clock input pin. See page 23 for SPI timing details.
SI
9
Active high SPI interface serial data input pin. See page 23 for SPI timing details.
SO
10
Open drain SPI interface serial data output pin. See page 23 for SPI timing details.
FG
11
Open drain back-EMF transition output pin. The frequency is selectable via register
settings.
DIAG
12
Programmable open drain diagnostic output.
LGND
13
LIN Block GND pin.
LIN_
PWMIN
15
LIN transceiver input/output. Register selectable as PWM input with a VVS/2 threshold.
TEST
17
Factory test pin. Connect to GND.
TH
19
Thermistor input pin for FET temperature detection. If the input voltage is below the
threshold voltage, an error is triggered. The error threshold is programmable. To disable
tie to V3RO.
RFSENS
20
Shunt resistance reference pin. Connect this pin to the GND side of the Shunt resistor
with Kelvin leads.
RF
22
Output current detect pin. Connect this pin to output side of shunt resistor with Kelvin
leads. The maximum peak motor current is limited to the value calculated by
IOUT=100mV/RF.
COM
24
COM input pin. Connect this pin to the motor neutral point. This point may be derived from
a resistive network with 1k resistors to the phases.
SUL
SVL
SWL
33
29
25
Current return path for low-side gate drive. Short circuit shutoff level is measured
between this pin and its corresponding phase pin.
UL
VL
WL
34
30
26
Gate driver output pin for the low-side Nch Power FET. Use gate resistors for
wave-shaping.
UOUT
VOUT
WOUT
35
31
27
Current return path for high-side gate drive and reference for short circuit shut-off.
UH
VH
WH
36
32
28
Gate driver output pin for the high-side Nch Power FET. Use gate resistors for
wave-shaping.
PGND
37
GND pin for the charge pump output drives.
VGL
38
Power supply pin for low-side gate drive. Connect decoupling capacitor between this pin
and GND.
CHP
39
Power supply pin for high-side gate drive. Connect decoupling capacitor between this pin
and VS.
CP1N
40
Charge transfer pin of the Charge pump (1N). Connect capacitor to CP1P-CP1N.
CP1P
41
Charge transfer pin of the Charge pump (1P). Connect capacitor to CP1P-CP1N.
CP2P
42
Charge transfer pin of the Charge pump (2P). Connect capacitor to CP2P-CP2N.
CP2N
43
Charge transfer pin of the Charge pump (2N). Connect capacitor to CP2P-CP2N.
VS
44
Power supply pin.
WAKE
45
WAKE pin. “H” = Operating mode, “L” or “Open” = Sleep mode.


Similar Part No. - LV8907UW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8907UW ONSEMI-LV8907UW Datasheet
945Kb / 46P
   Sensor-less Three-phase Brushless DC Motor Controller
June, 2018 ??Rev. 1
LV8907UWR2G ONSEMI-LV8907UWR2G Datasheet
945Kb / 46P
   Sensor-less Three-phase Brushless DC Motor Controller
June, 2018 ??Rev. 1
LV8907UW ONSEMI-LV8907UW_18 Datasheet
945Kb / 46P
   Sensor-less Three-phase Brushless DC Motor Controller
June, 2018 ??Rev. 1
More results

Similar Description - LV8907UW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8907UW ONSEMI-LV8907UW_18 Datasheet
945Kb / 46P
   Sensor-less Three-phase Brushless DC Motor Controller
June, 2018 ??Rev. 1
logo
Intersil Corporation
HIP4011 INTERSIL-HIP4011 Datasheet
34Kb / 4P
   Three Phase Brushless DC Motor Controller
logo
Rohm
BD62013FS ROHM-BD62013FS Datasheet
950Kb / 23P
   Three phase brushless fan motor controller
logo
Anpec Electronics Corop...
APX9365D ANPEC-APX9365D Datasheet
611Kb / 14P
   Three-Phase Sensor-Less Fan Motor Driver
logo
Rohm
BM64070MUV ROHM-BM64070MUV Datasheet
3Mb / 30P
   Built-in Speed Control, Sensor-less Three-phase Brushless Motor Pre-driver
31.Jan.2020 Rev.001
logo
Hitachi Semiconductor
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
   THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
[Old version datasheet]   Three-Phase Brushless DC Motor Driver
logo
Toshiba Semiconductor
TB6586BFG TOSHIBA-TB6586BFG Datasheet
478Kb / 21P
   Three-Phase Full-Wave Brushless Motor Controller
2018-10-15
TB6586FG TOSHIBA-TB6586FG Datasheet
611Kb / 20P
   Three-Phase Full-Wave Brushless Motor Controller
2016-02-24
logo
Princeton Technology Co...
PT2502 PTC-PT2502 Datasheet
1Mb / 24P
   3-Phase Sensor-less BLDC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com