Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP030-2SZN1S055 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP030-2SZN1S055
Description  High Efficiency & Long Life
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP030-2SZN1S055 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP030-2SZN1S055 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
High Efficiency & Long Life
Multiple C hannel
Input Range for Worldwide use
C ompact Size
Optimized Performance
Fully Isolated & SELV
Protections: Short C ircuit/ Open C urcuit/ Over Voltage/
Over Temperature
C lass 2 power unit
PRODUCT HIGHLIGHT
Output Voltage/Current
:
Max.28V/550mA x2 C hannel
SPECIFICATION
Model Name
FSP030-2SZN1S(055)
Wattage
30W
Case
Steel
IP Lev el
IP20
Dimming
Non-Dimming
Input Electrical
Specification
Input Voltage
100~240 Vac
Input Frequency
47~63 Hz
PFC
0.9
Constant Current
/ Constant
Voltage
C onstant C urrent
Output Voltage
and Current
Rating
Output1
20-28 V , 550 mA
Output2
20-28 V , 550 mA
Output Electrical
Specification
Efficiency
80 %
Life
50,000 hours without
system & full load at
ambient
35°C @100Vac/200Vac
Protection Function
OVP,OTP,SC P
Env ironmental
Requirement
TEMP. Range
Operating : -20to
+50
Storage : -20to
+85
Insulation
Primary to
Secondary:
500Vdc,25M ohms
min.
EMC performance EN55015
C lass B C onducted,
C lass B radiated
EN55024
C lass B C onducted,
C lass B radiated
EN61000-3-2
B
EN61000-4-3
1
EN61000-4-5
C ommon mode: ±2
KV; Differential
model: ± 1KV
Dimension
280mm(L) x 38mm(W)x 31mm(H)
PROTECTION FUNCTIONS
OVP,OTP,SC P
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
LED Lighting
FSP030-2SZN1S(055)


Similar Part No. - FSP030-2SZN1S055

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP030-1FZ1AS FSP-FSP030-1FZ1AS Datasheet
119Kb / 1P
   High Efficiency & Long Life
FSP030-1FZ1FS FSP-FSP030-1FZ1FS Datasheet
118Kb / 1P
   High Efficiency & Long Life
FSP030-1ZZN1AP050 FSP-FSP030-1ZZN1AP050 Datasheet
112Kb / 1P
   High Efficiency & Long Life
FSP030-1ZZN1AP060 FSP-FSP030-1ZZN1AP060 Datasheet
112Kb / 1P
   High Efficiency & Long Life
FSP030-1ZZN1AP070 FSP-FSP030-1ZZN1AP070 Datasheet
112Kb / 1P
   High Efficiency & Long Life
More results

Similar Description - FSP030-2SZN1S055

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP18-ZZAP035M FSP-FSP18-ZZAP035M Datasheet
94Kb / 1P
   High Efficiency & Long Life
FSP030-1FZ1FS FSP-FSP030-1FZ1FS Datasheet
118Kb / 1P
   High Efficiency & Long Life
FSP015-DZ24CE070 FSP-FSP015-DZ24CE070 Datasheet
84Kb / 1P
   High Efficiency & Long Life
FSP045-1SZ24-12 FSP-FSP045-1SZ24-12 Datasheet
147Kb / 1P
   High Efficiency & Long Life
FSP045-1SZ24-36 FSP-FSP045-1SZ24-36 Datasheet
178Kb / 1P
   High Efficiency & Long Life
FSP18-ZZAP050M FSP-FSP18-ZZAP050M Datasheet
93Kb / 1P
   High Efficiency & Long Life
FSP030-1ZZN1AP060 FSP-FSP030-1ZZN1AP060 Datasheet
112Kb / 1P
   High Efficiency & Long Life
FSP030-1ZZN1AP070 FSP-FSP030-1ZZN1AP070 Datasheet
112Kb / 1P
   High Efficiency & Long Life
FSP015-DZ48CE035 FSP-FSP015-DZ48CE035 Datasheet
84Kb / 1P
   High Efficiency & Long Life
FSP020-2SZN1S035 FSP-FSP020-2SZN1S035 Datasheet
82Kb / 1P
   High Efficiency & Long Life
FSP030-1ZZN1AP050 FSP-FSP030-1ZZN1AP050 Datasheet
112Kb / 1P
   High Efficiency & Long Life
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com