Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3800VMNTXG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP3800VMNTXG
Description  SMBus Level 2 Battery Charger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3800VMNTXG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP3800VMNTXG Datasheet HTML 4Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 5Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 6Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 7Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 8Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 9Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 10Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 11Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NCP3800V
http://onsemi.com
8
Circuit Descriptions
Soft−start
This chip has two soft−start circuits built in to its circuitry
to limit the inrush current and the reduce overshoot of the
system.
When the adaptor is first plugged into the system, charge
has not started. The voltage of ACFET pin rises over a period
of several ms to slow the turn on of the system FET(s). The
ACFET−FETCS voltage remains around turn−on threshold
allowing the FET(s) Qac and Qrb working in their saturation
region. The Cgs and Cgd capacitance of the external adaptor
FETs need to be carefully selected to control this soft
turn−on slew rate. The output voltage of the n−channel FET
will then follow in a linear manner at a gate threshold voltage
below the voltage on the ACFET gate pin.
After the external FETs are fully turned on and every time
charge is enabled, the charger automatically steps the charge
current up softly in 128 mA increments in a fixed time step
until it reaches to the charge limit current. This charge current
soft start makes sure the battery energized in its safe manner.
Current Regulators
There are two current monitors required for this chip. The
resistor Rso measures the charge current into the battery. The
full−scale limit for this shunt resistor is 80 mV and can be
reduced in 0.64 mV steps. A highly accurate amplifier detects
the voltage across the shunt resistor. The actual current level
is dependent on the value of the Rso, eg. 10 m
W.
The Rss resistor monitors the adaptor input current. It has
a full scale reading of 80 mV and can be reduced in 1.28 mV
steps. Either the adaptor current or charge current
information is available at the ICM pin with 20x or 40x ratio,
this is programmable from the ChargeOption() register.
If the total adaptor input current reaches its programmed
level, the reference for the charging current will be reduced
by an appropriate amount to maintain a constant level for the
system current. If the battery voltage drops below
BATLOWV voltage, the charger will enter a trickle charge
cycle: it will reduce the current level to 128 mA and then soft
start to 0.5 A (Rso = 10 m
W) when the BATLOWV condition
persists. This can last for 1 ms and the charge will stop for
4~5 ms, and then charge will restart with another
BATLOWV trickle cycle. Once the battery voltage is over
BATLOWV voltage, the softstart will continues and go into
the normal charge cycle.
Gate Drive Regulator and LDO
The VDDP LDO can source a minimum 40 mA to the
charge pump gate drive circuitry and for the high and
low−side gates. It also power the rest of logic circuit while
the adapter is present. A bypass capacitor larger than 0.1
ms
should be applied to the VDDP output for the stability.
Adaptor Detection
The ACIN pin monitors the DC output of the ac adaptor
or the battery pack and allows the system to turn on when
sufficient voltage is present. The DCIN pin is also monitored
and when the voltage is at 6.4 volts or greater, the internal
circuits will become energized.
When the voltage at the ACIN pin is over 0.6 V wakeup
level, the internal LDO will start working with a valid
VDDP output. SMbus circuit will be ready to communicate
with host controller. But ACOK pin remains low indicating
adaptor is not ready.
When the voltage at the ACIN pin reaches 2.00 volts,
DCIN−CSON>275 mV and the deglitch time (175 ms or
1.4 s) is over, all functions are enabled, including all the
comparators, amplifiers, charge pump and gate drivers to the
external switches. The ACOK pin changes to a high state to
indicate that the adaptor is present and has sufficient voltage
to allow proper operation. The charge pump circuit ramps
the gate to source voltage (ACFET−FETCS) up on external
adaptor FETs until their gate voltage reaches the full scale
voltage and the FETs are fully on. The external FETs can be
one or two back−to−back N channel FETs.
When the ACIN voltage is over 2.625 V, it is considered
as overvoltage condition for the adapter input, ACOK will
changes to a low state and ACFET will be pulled down.
PWM Control Circuit
The control circuit for the NCP3800V is a fixed
frequency, current mode control PWM.
At light loads, the propagation delays of the controller and
gate drive will tend to overcharge the battery. In the event that
the battery charge voltage exceeds the set point by several
milivolts, the comp signal will go low. When this occurs the
oscillator will not trigger the gate drive and the drive will
remain off until the comp pin moves up to regulation range.
This reduces the switching frequency and improves
efficiency. In order to let the boost cap to have enough charge
for the next high side turn on event, a detection circuit has
been implemented once the BST to phase node voltage is
less than 4.0 V. Once it is detected, low side FET will be
turned on to charge the boost cap voltage up.
Battery Overvoltage Protection
The overvoltage protection circuit monitors the output
voltage and if it exceeds the set point by 4% for more than
1
ms, the drive will be removed from both the upper and
lower FETs. An internal current source will be turned on to
discharge the output. If OVP lasts for over 30 ms, charge
controller will be latched off, it will remain off until the
power is recycled.
Adaptor Overvoltage Protection
If ACIN voltage is higher than 2.625 V, it is considered as
adaptor over voltage. ACOK will be pulled low and charge
will be disabled. ACFET will be turned off to disconnect the
adaptor from the system and charge circuit. BATFET will be
turned on instead if a valid battery input is presented.


Similar Part No. - NCP3800VMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP380 ONSEMI-NCP380 Datasheet
627Kb / 23P
   Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
NCP380 ONSEMI-NCP380 Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
NCP380HMU05AATBG ONSEMI-NCP380HMU05AATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
NCP380HMU05AATBG ONSEMI-NCP380HMU05AATBG Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
NCP380HMU05AATBG ONSEMI-NCP380HMU05AATBG Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
More results

Similar Description - NCP3800VMNTXG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88731A INTERSIL-ISL88731A Datasheet
490Kb / 23P
   SMBus Level 2 Battery Charger
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
   SMBus Level 2 Battery Charger
ISL88733 RENESAS-ISL88733 Datasheet
194Kb / 2P
   SMBus Level 2 Battery Charger
ISL88731 RENESAS-ISL88731 Datasheet
1Mb / 22P
   SMBus Level 2 Battery Charger
ISL88731C RENESAS-ISL88731C Datasheet
1Mb / 26P
   SMBus Level 2 Battery Charger
logo
Intersil Corporation
ISL88731 INTERSIL-ISL88731 Datasheet
462Kb / 22P
   SMBus Level 2 Battery Charger
ISL88731C INTERSIL-ISL88731C Datasheet
624Kb / 25P
   SMBus Level 2 Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com