Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4305QDR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4305QDR2G
Description  Secondary Side Synchronous Rectification Driver
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4305QDR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4305QDR2G Datasheet HTML 1Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 2Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 3Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 4Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 5Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 6Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 7Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 8Page - ON Semiconductor NCP4305QDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
© Semiconductor Components Industries, LLC, 2015
June, 2015 − Rev. 1
1
Publication Order Number:
NCP4305/D
NCP4305
Secondary Side
Synchronous Rectification
Driver for High Efficiency
SMPS Topologies
The NCP4305 is high performance driver tailored to control a
synchronous rectification MOSFET in switch mode power supplies.
Thanks to its high performance drivers and versatility, it can be used in
various topologies such as DCM or CCM flyback, quasi resonant
flyback, forward and half bridge resonant LLC.
The combination of externally adjustable minimum off
-time and
on
-time blanking periods helps to fight the ringing induced by the PCB
layout and other parasitic elements. A reliable and noise less operation
of the SR system is insured due to the Self Synchronization feature
. The
NCP4305 also utilizes Kelvin connection of the driver to the MOSFET
to achieve high efficiency operation at full load and utilizes a light load
detection architecture to achieve high efficiency at light load.
The precise turn−off threshold, extremely low turn−off delay time
and high sink current capability of the driver allow the maximum
synchronous rectification MOSFET conduction time and enables
maximum SMPS efficiency. The high accuracy driver and 5 V gate
clamp enables the use of GaN FETs.
Features
Self−Contained Control of Synchronous Rectifier in CCM, DCM and
QR for Flyback, Forward or LLC Applications
Precise True Secondary Zero Current Detection
Typically 12 ns Turn off Delay from Current Sense Input to Driver
Rugged Current Sense Pin (up to 200 V)
Ultrafast Turn−off Trigger Interface/Disable Input (7.5 ns)
Adjustable Minimum ON−Time
Adjustable Minimum OFF-Time with Ringing Detection
Adjustable Maximum ON−Time for CCM Controlling of Primary
QR Controller
Improved Robust Self Synchronization Capability
8 A / 4 A Peak Current Sink / Source Drive Capability
Operating Voltage Range up to VCC = 35 V
Automatic Light−load & Disable Mode
Adaptive Gate Drive Clamp
GaN Transistor Driving Capability (options A and C)
Low Startup and Disable Current Consumption
Maximum Operation Frequency up to 1 MHz
SOIC-8 and DFN−8 (4x4) and WDFN8 (2x2) Packages
These are Pb−Free Devices
Typical Applications
Notebook Adapters
High Power Density AC/DC Power Supplies (Cell
Phone Chargers)
LCD TVs
All SMPS with High Efficiency Requirements
SOIC−8
D SUFFIX
CASE 751
MARKING
DIAGRAMS
4305x
= Specific Device Code
x = A, B, C, D or Q
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb−Free Package
1
8
NCP4305x
ALYW
G
G
1
8
(Note: Microdot may be in either location)
4305x
ALYW
G
G
1
DFN8
MN SUFFIX
CASE 488AF
www.onsemi.com
See detailed ordering and shipping information on page 49 of
this data sheet.
ORDERING INFORMATION
5xM
G
G
1
WDFN8
MT SUFFIX
CASE 511AT


Similar Part No. - NCP4305QDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
NCP4300A ONSEMI-NCP4300A Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300A ONSEMI-NCP4300A Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
NCP4300AD ONSEMI-NCP4300AD Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300ADG ONSEMI-NCP4300ADG Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
More results

Similar Description - NCP4305QDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com