Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR14-4164IR Datasheet(PDF) 2 Page - Allied Components International

Part # AR14-4164IR
Description  10/100 Base-T Ethernet Application
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AR14-4164IR Datasheet(HTML) 2 Page - Allied Components International

  AR14-4164IR Datasheet HTML 1Page - Allied Components International AR14-4164IR Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
REVISED 07/17/2015
1. Shield-
0.20mm THICKNESS BRASS C2680 H.
PLATING NICKEL 20u” MIN.
2. Housing-
Standard Material Nylon 66, Glass filled
Polyester UL94V-0 Standard Color Black.
3. RJ Terminal- Plastic: PBT UL94V-0, Standard
Color Black.
Pin: 0.35mm Thickness Phos-Bronze C5210 EH.
Plating: Nickel 40u"-60u" for all and Sn 100%, and
6u” Gold Plating.
4. Input Terminal- Plastic: PBT, Glass Filled, UL94V-0,
Standard Color Black.
Pin: 0.35mm SUS430.
Plating: Nickel 40u"-60u" for all and Sn 100%.
PCB LAYOUT
SCHEMATICS
1X4 RJ45 Connector
AR14-4164IR
NOTES
SUGGESTED PANEL OPENING
NOTE: The distance of panel inside surgace relative to front surface part is only a suggestion.
In case this distance is different, the required panel opening dimensions change accordingly.


Similar Part No. - AR14-4164IR

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR14-4214I ALLIED-AR14-4214I Datasheet
3Mb / 2P
   1000 Base-T for Ethernet Applications
More results

Similar Description - AR14-4164IR

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AR11-3806IR ALLIED-AR11-3806IR Datasheet
546Kb / 2P
   10/100 Base-T Ethernet Application
ARLP11-3647I ALLIED-ARLP11-3647I Datasheet
612Kb / 2P
   10/100 Base-T Ethernet Application
ARA502-1122S ALLIED-ARA502-1122S Datasheet
519Kb / 2P
   10/100/1000 Base-T Ethernet Application
AR14-3637I ALLIED-AR14-3637I Datasheet
4Mb / 2P
   10/100/1000 Base-T Gigabit for Ethernet Application
AR14-3921I ALLIED-AR14-3921I Datasheet
4Mb / 2P
   10/100/1000 Base-T Gigabit for Ethernet Application
logo
Bothhand USA, LP.
TS6115 BOTHHAND-TS6115 Datasheet
181Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121CXLF BOTHHAND-TS6121CXLF Datasheet
112Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121CX BOTHHAND-TS6121CX Datasheet
264Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6121D BOTHHAND-TS6121D_1 Datasheet
261Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
TS8115LF BOTHHAND-TS8115LF Datasheet
79Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com