Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCT7491MNTXG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCT7491MNTXG
Description  Remote Thermal Monitor and Fan Controller
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT7491MNTXG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCT7491MNTXG Datasheet HTML 4Page - ON Semiconductor NCT7491MNTXG Datasheet HTML 5Page - ON Semiconductor NCT7491MNTXG Datasheet HTML 6Page - ON Semiconductor NCT7491MNTXG Datasheet HTML 7Page - ON Semiconductor NCT7491MNTXG Datasheet HTML 8Page - ON Semiconductor NCT7491MNTXG Datasheet HTML 9Page - ON Semiconductor NCT7491MNTXG Datasheet HTML 10Page - ON Semiconductor NCT7491MNTXG Datasheet HTML 11Page - ON Semiconductor NCT7491MNTXG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
NCT7491
www.onsemi.com
8
Table 4. COMPARISON OF NCT7491 AND ADT7490 QSOP PINOUTS
QSOP Pin No.
NCT7491
ADT7490
1
SDA_S
SDA
2
SCL_S
SCL
3
GND
GND
4
VDD
VDD
5
SDA_M / GPIO1
GPIO1
6
SCL_M / GPIO2
GPIO2
7
PECI
PECI
8
VTT
VTT
9
TACH3
TACH3
10
PWM2 / #SMBALERT
PWM2 / #SMBALERT
11
TACH1
TACH1
12
TACH2
TACH2
13
PWM3 /#ADDREN
PWM3 /#ADDREN
14
TACH4/#THERM/#SMBALERT/
#ADDRESS SELECT
TACH4/#THERM/#SMBALERT/
#ADDRESS SELECT
15
D2−
D2−
16
D2+
D2+
17
D1−
D1−
18
D1+
D1+
19
GPIO3/#THERM/#SMBALERT
IMON
20
+5Vin
+5Vin
21
+12Vin
+12Vin
22
+2.5V / #THERM
+2.5V / #THERM
23
Vccp
Vccp
24
PWM1 / XTO
PWM1 / XTO
Functional Comparison between the NCT7491 and the ADT7490
NCT7491 supports PECI 3.0 commands.
NCT7491 uses an SMBus Master port to read digital
temperatures.
IMON voltage monitoring pin (pin 19) on the ADT7490
is replaced with digital pin
(SMBALERT/THERM/GPIO) on the NCT7491
NCT7491 does not support Dynamic Tmin fan control.
NCT7491 allows any combination of temperature
sources to control any fan.
NCT7491 allows individual PWM responses to
THERM events.
NCT7491 THERM behaviour is more flexible,
allowing stepped response to THERM events.
REPLACE mode for PECI is not supported by the
NCT7491
The NCT7491 register map is organized into two pages.
0x00−0xFF (page 1) and 0x100−0x1FF (page 2)
The NCT7491 supports PWM look−up table automatic
fan control along with the Tmin/Trange control method
used in the ADT7490
The NCT7491 allows temperatures to be written to the
device from an external master. These values can be
assigned for fan control and Limit/THERM assertion
functions
PECI fan control can be implemented in relative or
absolute modes. Absolute mode uses the Tjmax value
read from the CPU plus the PECI temperature to
determine the actual core temperature.
The reference for voltage measurement has changed
from 2.25 V on the ADT7490 to 2 V on the NCT7491.


Similar Part No. - NCT7491MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT7491MNTXG ONSEMI-NCT7491MNTXG Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
More results

Similar Description - NCT7491MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7475 ONSEMI-ADT7475_18 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com