Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB3003CH-TL-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # SB3003CH-TL-E
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB3003CH-TL-E Datasheet(HTML) 2 Page - ON Semiconductor

  SB3003CH-TL-E Datasheet HTML 1Page - ON Semiconductor SB3003CH-TL-E Datasheet HTML 2Page - ON Semiconductor SB3003CH-TL-E Datasheet HTML 3Page - ON Semiconductor SB3003CH-TL-E Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SB3003CH
www.onsemi.com
2
Electrical Characteristics atTa=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=0.5mA
30
V
Forward Voltage
VF1
IF=2.0A
0.435
0.485
V
VF2
IF=3.0A
0.47
0.52
V
Reverse Current
IR
VR=15V
42
mA
Interterminal Capacitance
C
VR=10V, f=1MHz
90
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
20
ns
Thermal Resistance
Rth(j-a)
When mounted on ceramic substrate (900mm2
×0.8mm)
50
°C / W
trr Test Cicuit
ORDERING INFORMATION
Device
Package
Shipping
memo
SB3003CH-TL-E
CPH6
3,000pcs./reel
Pb-Free
SB3003CH-TL-W
Pb-Free and Halogen Free
Duty10%
50Ω
100Ω
10Ω
--5V
trr
10ms
Forward Voltage, VF -- V
IF -- VF
Reverse Voltage, VR -- V
IR -- VR
00.2
0.3
0.10.4
0.50.7
0.6
2
5
7
3
2
0.1
2
5
7
3
1.0
5
7
3
10
0.01
IT09868
IT09869
0
0.001
0.01
0.1
1.0
10
10000
100
1000
5101520253035
Ta=125°C
100°C
75°C
50°C
25°C
0°C
--25°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - SB3003CH-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
   Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
More results

Similar Description - SB3003CH-TL-E

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com