Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ED382R517-2G4SA-H9R Datasheet(PDF) 9 Page - Eorex Corporation

Part # ED382R517-2G4SA-H9R
Description  eorex Registered DDR3 SDRAM DIMMs
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

ED382R517-2G4SA-H9R Datasheet(HTML) 9 Page - Eorex Corporation

Back Button ED382R517-2G4SA-H9R_15 Datasheet HTML 5Page - Eorex Corporation ED382R517-2G4SA-H9R_15 Datasheet HTML 6Page - Eorex Corporation ED382R517-2G4SA-H9R_15 Datasheet HTML 7Page - Eorex Corporation ED382R517-2G4SA-H9R_15 Datasheet HTML 8Page - Eorex Corporation ED382R517-2G4SA-H9R_15 Datasheet HTML 9Page - Eorex Corporation ED382R517-2G4SA-H9R_15 Datasheet HTML 10Page - Eorex Corporation ED382R517-2G4SA-H9R_15 Datasheet HTML 11Page - Eorex Corporation ED382R517-2G4SA-H9R_15 Datasheet HTML 12Page - Eorex Corporation ED382R517-2G4SA-H9R_15 Datasheet HTML 13Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
eorex
ED382R517-2G4SA-H9R
9
www.eorex.com
Symbol
Parameter
Conditions
DDR3-800
1066/1333
DDR3-1600
Unit
Min
Max
Min
Max
fclock
Input clock fre-
quency
Application fre-
300
670
300
810
Mhz
fTEST
Input clock fre-
Test frequency
70
300
70
300
Mhz
tSU
Setup time
Input valid before
100
-
50
-
ps
tH
Hold time
Input to remain
valid after CK/CK
175
-
125
-
ps
tPDM
Propagation
delay, single-bit
switching
CK/CK to output
0.65
1.0
0.65
1.0
ns
tDIS
Output disable
time (1/2-Clock
prelaunch)
Yn/Yn to output
float
0.5 + tQSK1(min)
-
0.5 + tQSK1(min)
-
ps
tEN
Output enable
time (1/2-Clock
prelaunch)
Output driving to
Yn/Yn
0.5 -
tQSK1(max)
-
0.5 - tQSK1(max)
-
ps
Registering Clock Driver Specifications
Capacitance Values
Symbol
Parameter
Conditions
Min Typ Max Unit
CI
Input capacitance, Data inputs
1.5
-
2.5
pF
Input capacitance, CK, CK, FBIN, FBIN
(up to DDR3-1600)
1.5
-
2.5
pF
CIR
Input capacitance, RESET, MIRROR,
QCSEN
VI = VDD or GND; VDD = 1.5v
-
-
3
pF
Input & Output Timing Requirements
quency
quency
CK/CK


Similar Part No. - ED382R517-2G4SA-H9R_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
ED382R517-2G4SA-H9R EOREX-ED382R517-2G4SA-H9R Datasheet
1Mb / 51P
   ED382R517-2G4SA-H9R is eorex Registered DDR3 SDRAM DIMMs
More results

Similar Description - ED382R517-2G4SA-H9R_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
ED382R517-2G4SA-H9R EOREX-ED382R517-2G4SA-H9R Datasheet
1Mb / 51P
   ED382R517-2G4SA-H9R is eorex Registered DDR3 SDRAM DIMMs
logo
Hynix Semiconductor
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMD232G726DF8N-D43 HYNIX-HYMD232G726DF8N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
logo
List of Unclassifed Man...
DRAM-DDR-RDIMM ETC2-DRAM-DDR-RDIMM Datasheet
97Kb / 3P
   DDR3 240-Pin Registered-ECC DIMMs
logo
Hynix Semiconductor
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMD232G726D8-K HYNIX-HYMD232G726D8-K Datasheet
1Mb / 30P
   184pin Registered DDR SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com