Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM42CM1684RTA Datasheet(PDF) 2 Page - Eorex Corporation

Part # EM42CM1684RTA
Description  Double DATA RATE SDRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM42CM1684RTA Datasheet(HTML) 2 Page - Eorex Corporation

  EM42CM1684RTA_15 Datasheet HTML 1Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 2Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 3Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 4Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 5Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 6Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 7Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 8Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
EM42CM1684RTA
Jan. 2012
www.eorex.com
2/22
1Gb (16M
×4Bank×16)
Double DATA RATE SDRAM
Features
• Internal Double-Date-Rate architecture with twice
accesses per clock cycle.
• Single 2.5V
±0.2V Power Supply
• 2.5V SSTL-2 compatible I/O
• Burst Length (B/L) of 2, 4, 8
• CAS Latency: 3
• Bi-directional data strobe (DQS) for input and
output data, active by both edges
• Data Mask (DM) for write data
• Sequential & Interleaved Burst type available
• Auto precharge option for each burst accesses
• DQS edge-aligned with data for Read cycles
• DQS center-aligned with data for Write cycles
• DLL aligns DQ & DQS transitions with CLK
transition
• Auto Refresh and Self Refresh
• 8,192 Refresh Cycles / 64ms
Description
The EM42CM1684RTA is high speed Synchronous
graphic
RAM
fabricated
with
ultra
high
performance
CMOS
process
containing
1,073,741,824 bits which organized as 16Meg
words x 4 banks by 16 bits.
The 1Gb DDR SDRAM uses double data rate
architecture to accomplish high-speed operation.
The data path internally prefetches multiple bits
and transfers the data for both rising and falling
edges of the system clock. It means the doubled
data bandwidth can be achieved at the I/O pins.
Available package: TSOPII 66P 400mil.
Ordering Information
Part No
Organization
Max. Freq
Package
Grade
Pb
EM42CM1684RTA-75F
64M X 16
133MHz @CL3-3-3
66pin TSOP(ll)
Commercial
Free
EM42CM1684RTA-6F
64M X 16
166MHz @CL3-3-3
66pin TSOP(ll)
Commercial
Free
* EOREX reserves the right to change products or specification without notice.


Similar Part No. - EM42CM1684RTA_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42CM1684RTA-6F EOREX-EM42CM1684RTA-6F Datasheet
405Kb / 22P
   Burst Length (B/L) of 2, 4, 8
EM42CM1684RTA-75F EOREX-EM42CM1684RTA-75F Datasheet
405Kb / 22P
   Burst Length (B/L) of 2, 4, 8
More results

Similar Description - EM42CM1684RTA_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
logo
A-Data Technology
ADD8608A8A A-DATA-ADD8608A8A Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
logo
Eorex Corporation
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
   Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
logo
Infineon Technologies A...
HYB25D512800BT INFINEON-HYB25D512800BT Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com