Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM42CM1684RTA Datasheet(PDF) 6 Page - Eorex Corporation

Part # EM42CM1684RTA
Description  Double DATA RATE SDRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM42CM1684RTA Datasheet(HTML) 6 Page - Eorex Corporation

Back Button EM42CM1684RTA_15 Datasheet HTML 2Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 3Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 4Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 5Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 6Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 7Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 8Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 9Page - Eorex Corporation EM42CM1684RTA_15 Datasheet HTML 10Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
EM42CM1684RTA
Jan. 2012
www.eorex.com
6/22
Recommended DC Operating Conditions
(VDD=2.5V±0.2V)
Max.
Symbol
Parameter
Test Conditions
-6
-75
Units
IDD1
Operating Current
(Note 1)
Burst length=2,
tRC≥tRC(min.), IOL=0mA,
One bank active
195
180
mA
IDD2P
Precharge Standby Current in
Power Down Mode
CKE
≤V
IL(max.), tCK=min
15
15
mA
IDD2N
Precharge Standby Current in
Non-power Down Mode
(All banks idle)
CKE
≥V
IH(min.), tCK=min,
/CS
≥V
IH(min.), VIN=VREF
Input signals are changed once per
clock cycle
65
60
mA
IDD3P
Active Standby Current in
Power Down Mode
CKE
≤V
IL(max.), tCK=min
One bank active, VIN=VREF
35
30
mA
IDD3N
Active Standby Current in
Non-power Down Mode
CKE
≥V
IH(min.), tCK=min,
/CS
≥V
IH(min.)
Input signals are changed once per
clock cycle
65
65
mA
READ
220
200
IDD4
Operating Current
(Note 2)
tCK ≥ tCK(min.), IOL=0mA,
One banks active, BL=2
WRITE
230
210
mA
IDD5
Refresh Current
(Note 3)
tRC≥ tRFC (min.), All banks active
340
330
mA
IDD6
Self Refresh Current
CKE
≤0.2V
9
9
mA
IDD7
Operating current (Four Banks)
Four Banks interleaving, BL=4
525
485
mA
*All voltages referenced to VSS.
Note 1: IDD1 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 2: IDD4 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 3: Min. of tRFC (Auto refresh Row Cycle Times) is shown at AC Characteristics.
Recommended DC Operating Conditions (Continued)
Symbol
Parameter
Test Conditions
Min.
Max.
Units
IIL
Input Leakage Current
0
≤V
I≤VDDQ, VDDQ=VDD
All other pins not under test=0V
-2
+2
uA
IOL
Output Leakage Current
0
≤V
O≤VDDQ, DOUT is disabled
-5
+5
uA
VOH
High Level Output Voltage
IOUT = -16.8mA
1.95
-
mA
VOL
Low Level Output Voltage
IOUT = +16.8mA
-
0.35
mA


Similar Part No. - EM42CM1684RTA_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42CM1684RTA-6F EOREX-EM42CM1684RTA-6F Datasheet
405Kb / 22P
   Burst Length (B/L) of 2, 4, 8
EM42CM1684RTA-75F EOREX-EM42CM1684RTA-75F Datasheet
405Kb / 22P
   Burst Length (B/L) of 2, 4, 8
More results

Similar Description - EM42CM1684RTA_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
logo
A-Data Technology
ADD8608A8A A-DATA-ADD8608A8A Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
logo
Eorex Corporation
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
   Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
logo
Infineon Technologies A...
HYB25D512800BT INFINEON-HYB25D512800BT Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com