Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM44DM0888LBA Datasheet(PDF) 11 Page - Eorex Corporation

Part # EM44DM0888LBA
Description  Double DATA RATE 2 SDRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM44DM0888LBA Datasheet(HTML) 11 Page - Eorex Corporation

Back Button EM44DM0888LBA_15 Datasheet HTML 7Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 8Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 9Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 10Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 11Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 12Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 13Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 14Page - Eorex Corporation EM44DM0888LBA_15 Datasheet HTML 15Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
EM44DM0888LBA
Feb. 2012
11/29
www.eorex.com
OCD Default Setting Table
Parameter
Min.
Typ.
Max.
Units
Output Impedance
12.6
18
23.4
Ω
Pull-up / Pull-down mismatch
0
-
4
Ω
Output Slew Rate
1.5
-
5.0
V/ns
Output Impedance Step Size for OCD Calibration
0
-
1.5
Ω
AC Operating Test Conditions
(VDD=1.8V±0.1V)
Symbol
Parameter
Value
Units
VSWING (max.)
Input Signal Maximum Peak to Peak Swing
1.0
V
SLEW
Input Signal Minimum Slew Rate
1.0
V/ns
VREF
Input Reference Level
0.5*VDDQ
V
AC Operating Test Conditions
Symbol
Parameter
Min.
Max.
Units
VID
AC Differential Input Voltage
0.5
VDDQ
V
VIX
AC Differential Cross Point Input Voltage
0.5*VDDQ-0.175
0.5*VDDQ+0.175
V
VOX
AC Differential Cross Point Output Voltage
0.5*VDDQ-0.125
0.5*VDDQ+0.125
V
VIH
Input Logic High Voltage
VREF+0.200
VDDQ+Vpeak
V
VIL
Input Logic High Voltage
VSSQ-Vpeak
VREF-0.200
V


Similar Part No. - EM44DM0888LBA_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM44DM0888LBA-187F EOREX-EM44DM0888LBA-187F Datasheet
556Kb / 29P
   JEDEC Standard VDD/VDDQ
More results

Similar Description - EM44DM0888LBA_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM44CM1688LBC EOREX-EM44CM1688LBC_15 Datasheet
925Kb / 29P
   Double DATA RATE 2 SDRAM
EM44BM1684LBB EOREX-EM44BM1684LBB_15 Datasheet
1Mb / 28P
   Double DATA RATE 2 SDRAM
EM44CM0884LBA EOREX-EM44CM0884LBA_15 Datasheet
778Kb / 28P
   Double DATA RATE 2 SDRAM
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
logo
A-Data Technology
ADD8608A8A A-DATA-ADD8608A8A Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
logo
Eorex Corporation
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com