Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM47EM0888SBA Datasheet(PDF) 11 Page - Eorex Corporation

Part # EM47EM0888SBA
Description  Double DATA RATE 3 low voltage SDRAM
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47EM0888SBA Datasheet(HTML) 11 Page - Eorex Corporation

Back Button EM47EM0888SBA_15 Datasheet HTML 7Page - Eorex Corporation EM47EM0888SBA_15 Datasheet HTML 8Page - Eorex Corporation EM47EM0888SBA_15 Datasheet HTML 9Page - Eorex Corporation EM47EM0888SBA_15 Datasheet HTML 10Page - Eorex Corporation EM47EM0888SBA_15 Datasheet HTML 11Page - Eorex Corporation EM47EM0888SBA_15 Datasheet HTML 12Page - Eorex Corporation EM47EM0888SBA_15 Datasheet HTML 13Page - Eorex Corporation EM47EM0888SBA_15 Datasheet HTML 14Page - Eorex Corporation EM47EM0888SBA_15 Datasheet HTML 15Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Single-ended levels for CK, DQS, /CK, /DQS
Note1. For CK, /CK use VIH/VIL(AC) of address/command; for strobes (DQS, DQS) use VIH/VIL(AC) of DQs.
EM47EM0888SBA
Note that while Address/command and DQ signal requirements are with respect to VREF, the single-ended
components of differential signals have a requirement with respect to VDD/2; this is nominally the same.
The transition of single-ended signals through the AC-levels is used to measure setup time. For singleended
components of differential signals the requirement to reach VSEL max, VSEH min has no bearing on timing, but
adds a restriction on the common mode characteristics of these signals.
Note2. VIH(AC)/VIL(AC) for DQs is based on VREFDQ; VIH(AC)/VIL(AC) for address/command is based on
VREFCA; if a reduced AC-high or AC-low level is used for a signal group, then the reduced level
applies also here.
Note3. These values are not defined, however the single-ended components of differential signals CK, /CK,
DQS, /DQS need to be within the respective limits (VIH(DC) max, VIL(DC) min) for single-ended signals
as well as the limitations for overshoot and undershoot.
Jul. 2014
11/41
www.eorex.com
Symbol
Parameter
Min.
Max.
Units
Note
VSEH
Single-ended high-level for strobes
(VDD/2)+0.175
See Note3
V
1,2
Single-ended high-level for CK, /CK
(VDD/2)+0.175
See Note3
V
1,2
VSEL
Single-ended low-level for strobes
See Note3
(VDD/2)-0.175
V
1,2
Single-ended low-level for CK, /CK
See Note3
(VDD/2)-0.175
V
1,2


Similar Part No. - EM47EM0888SBA_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47EM0888SBA-150 EOREX-EM47EM0888SBA-150 Datasheet
627Kb / 39P
   JEDEC Standard VDD/VDDQ
EM47EM0888SBA-150E EOREX-EM47EM0888SBA-150E Datasheet
627Kb / 39P
   JEDEC Standard VDD/VDDQ
More results

Similar Description - EM47EM0888SBA_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47FM0888SBA EOREX-EM47FM0888SBA_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 low voltage SDRAM
EM47FM0888MBA EOREX-EM47FM0888MBA_15 Datasheet
2Mb / 38P
   Double DATA RATE 3 low voltage SDRAM
EM47FM1688MCA EOREX-EM47FM1688MCA_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
EM47DM0888SBA EOREX-EM47DM0888SBA_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
EM47EM1688SBB EOREX-EM47EM1688SBB_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
EM47CM1688SBB EOREX-EM47CM1688SBB_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
EM47EM1688SBC EOREX-EM47EM1688SBC_15 Datasheet
3Mb / 37P
   Double DATA RATE 3 SDRAM
EM47DM1688SBB EOREX-EM47DM1688SBB_15 Datasheet
2Mb / 38P
   Double DATA RATE 3 SDRAM
EM47EM1688MBB EOREX-EM47EM1688MBB_15 Datasheet
3Mb / 38P
   Double DATA RATE 3 SDRAM
EM47DM1688SBC EOREX-EM47DM1688SBC_15 Datasheet
2Mb / 38P
   Double DATA RATE 3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com