Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM47FM1688MCA Datasheet(PDF) 7 Page - Eorex Corporation

Part # EM47FM1688MCA
Description  Double DATA RATE 3 SDRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47FM1688MCA Datasheet(HTML) 7 Page - Eorex Corporation

Back Button EM47FM1688MCA_15 Datasheet HTML 3Page - Eorex Corporation EM47FM1688MCA_15 Datasheet HTML 4Page - Eorex Corporation EM47FM1688MCA_15 Datasheet HTML 5Page - Eorex Corporation EM47FM1688MCA_15 Datasheet HTML 6Page - Eorex Corporation EM47FM1688MCA_15 Datasheet HTML 7Page - Eorex Corporation EM47FM1688MCA_15 Datasheet HTML 8Page - Eorex Corporation EM47FM1688MCA_15 Datasheet HTML 9Page - Eorex Corporation EM47FM1688MCA_15 Datasheet HTML 10Page - Eorex Corporation EM47FM1688MCA_15 Datasheet HTML 11Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Pin Capacitance
Notes1. VDD, VDDQ, VSS, VSSQ applied and all other pins (except the pin under test) floating. VDD = VDDQ
EM47FM1688MCA/SCA
=1.35V (1.5V), VBIAS=VDD/2.
Notes2. Absolute value of CCK(CK-pin) - CCK(/CK-pin).
Notes3. CCK (min.) will be equal to CIN (min.)
Notes4. CDIN_CTRL = CIN_CTRL - 0.5*(CCK(CK-pin) + CCK(/CK-pin))
Notes5. CDIN_ADD_CMD = CIN_ADD_CMD - 0.5*(CCK(CK-pin) + CCK(/CK-pin))
Notes6. Although the DM, TDQS and /TDQS pins have different functions, the loading matches DQ and DQS.
Notes7. DQ should be in high impedance state.
Notes8. CDIO = CIO (DQ, DM) - 0.5*(CIO(DQS-pin) + CIO(/DQS-pin)).
Notes9. Maximum external load capacitance on ZQ pin is 5pF.
Notes10. Absolute value of CIO(DQS) - CIO(/DQS).
Jul. 2014
7/39
www.eorex.com
Symbol
Parameters
Pins
Min.
Max.
Unit
Notes
CCK
Input pin capacitance, CK, /CK
CK, /CK
0.8
1.4
pF
1,3
CDCK
Delta input pin capacitance,
CK, /CK
0
0.15
pF
1,2
CIN_CTRL
Input pin capacitance, control
pins
/CS,CKE,ODT
0.75
1.3
pF
1
CDIN_CTRL
Delta input pin capacitance,
control pins
-0.4
0.2
pF
1,4
CIN_ADD_CMD
Input pin capacitance, address
and command pins
/RAS,/CAS,/WE,
Address
0.75
1.3
pF
1
CDIN_ADD_CMD
Delta input pin capacitance,
address and command pins
-0.4
0.4
pF
1,5
CIO
Input/output pins capacitance
DQ,DQS,/DQS
TDQS,/TDQS,
DM
1.5
2.5
pF
1,6
CDIO
Delta input/output pins
capacitance
-0.5
0.3
pF
1,7,8
CDDQS
Delta input/output pins
capacitance
DQS, /DQS
0
0.15
pF
1,10
CZQ
Input/output pin capacitance,
ZQ
ZQ
-
3
pF
1,9


Similar Part No. - EM47FM1688MCA_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47FM0888MBA EOREX-EM47FM0888MBA Datasheet
1Mb / 38P
   JEDEC Standard VDD/VDDQ
EM47FM0888MBA EOREX-EM47FM0888MBA_15 Datasheet
2Mb / 38P
   Double DATA RATE 3 low voltage SDRAM
EM47FM0888SBA EOREX-EM47FM0888SBA Datasheet
2Mb / 39P
   Posted CAS by programmable additive latency
EM47FM0888SBA--125A EOREX-EM47FM0888SBA--125A Datasheet
2Mb / 39P
   Posted CAS by programmable additive latency
EM47FM0888SBA-125 EOREX-EM47FM0888SBA-125 Datasheet
2Mb / 39P
   Posted CAS by programmable additive latency
More results

Similar Description - EM47FM1688MCA_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47DM0888SBA EOREX-EM47DM0888SBA_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
EM47EM1688SBB EOREX-EM47EM1688SBB_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
EM47CM1688SBB EOREX-EM47CM1688SBB_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
EM47EM1688SBC EOREX-EM47EM1688SBC_15 Datasheet
3Mb / 37P
   Double DATA RATE 3 SDRAM
EM47DM1688SBB EOREX-EM47DM1688SBB_15 Datasheet
2Mb / 38P
   Double DATA RATE 3 SDRAM
EM47EM1688MBB EOREX-EM47EM1688MBB_15 Datasheet
3Mb / 38P
   Double DATA RATE 3 SDRAM
EM47DM1688SBC EOREX-EM47DM1688SBC_15 Datasheet
2Mb / 38P
   Double DATA RATE 3 SDRAM
EM47EM3288SBA EOREX-EM47EM3288SBA_15 Datasheet
1Mb / 39P
   Double DATA RATE 3 Stack SDRAM
EM47FM3288SBB EOREX-EM47FM3288SBB_15 Datasheet
1Mb / 41P
   Double DATA RATE 3 Stack SDRAM
EM47EM3288MBA EOREX-EM47EM3288MBA_15 Datasheet
1Mb / 39P
   Double DATA RATE 3 Stack SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com