Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM484M3244VBE Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM484M3244VBE
Description  Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM484M3244VBE Datasheet(HTML) 4 Page - Eorex Corporation

  EM484M3244VBE_15 Datasheet HTML 1Page - Eorex Corporation EM484M3244VBE_15 Datasheet HTML 2Page - Eorex Corporation EM484M3244VBE_15 Datasheet HTML 3Page - Eorex Corporation EM484M3244VBE_15 Datasheet HTML 4Page - Eorex Corporation EM484M3244VBE_15 Datasheet HTML 5Page - Eorex Corporation EM484M3244VBE_15 Datasheet HTML 6Page - Eorex Corporation EM484M3244VBE_15 Datasheet HTML 7Page - Eorex Corporation EM484M3244VBE_15 Datasheet HTML 8Page - Eorex Corporation EM484M3244VBE_15 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin Description (Simplified)
eorex
EM484M3244VBE
Dec. 2013
www.eorex.com
4/18
Pin
Name
Function
J1
CLK
(System Clock)
Master clock input (Active on the positive rising edge)
J8
/CS
(Chip Select)
Selects chip when active
J2
CKE
(Clock Enable)
Activates the CLK when
“H” and deactivates when “L”.
CKE should be enabled at least one cycle prior to new
command. Disable input buffers for power down in standby.
G8,G9,F7,F3,G1,
G2,G3,H1,H2,J3,
G7,H9
A0~A11
(Address)
Row address (A0 to A11) is determined by A0 to A11 level at
the bank active command cycle CLK rising edge.
CA (CA0 to CA7) is determined by A0 to A7 level at the read or
write command cycle CLK rising edge.
And this column address becomes burst access start address.
A10 defines the pre-charge mode. When A10= High at the
pre-charge command cycle, all banks are pre-charged.
But when A10= Low at the pre-charge command cycle, only the
bank that is selected by BA is pre-charged.
J7,H8
BA0,BA1
(Bank Address)
Selects which bank is to be active.
J9
/RAS
(Row Address Strobe)
Latches Row Addresses on the positive rising edge of the CLK
with /RAS
“L”. Enables row access & pre-charge.
K7
/CAS
(Column Address Strobe)
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
K8
/WE
(Write Enable)
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
K9,K1,F8,F2
DQM0~DQM3
(Data Input/Output Mask)
DQM controls I/O buffers.
R8,N7,R9,N8,P9,
M8,M7,L8,L2,M3,
M2,P1,N2,R1,N3,
R2,E8,D7,D8,B9,
C8,A9,C7,A8,A2,
C3,A1,C2,B1,D2,
D3,E2
DQ0~DQ31
(Data Input/Output)
DQ pins have the same function as I/O pins on a conventional
DRAM.
A7,F9,L7,R7/
A3,F1,L3,R3
VDD/VSS
(Power Supply/Ground)
VDD and VSS are power supply pins for internal circuits.
B2,B7,C9,D9,E1,
L1,M9,N9,P2/B8,
B3,C1,D1,E9,L9,
M1,N1,P8
VDDQ/VSSQ
(Power Supply/Ground)
VDDQ and VSSQ are power supply pins for the output buffers.
E3,E7,H3,H7,K2,
K3
NC
(No Connection)
This pin is recommended to be left No Connection on the
device.


Similar Part No. - EM484M3244VBE_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M3244VBE-75F EOREX-EM484M3244VBE-75F Datasheet
1Mb / 18P
   Programmable CAS Latency
EM484M3244VBE-75FE EOREX-EM484M3244VBE-75FE Datasheet
1Mb / 18P
   Programmable CAS Latency
More results

Similar Description - EM484M3244VBE_15

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com