Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3001 Datasheet(PDF) 7 Page - Eorex Corporation

Part # EP3001
Description  1.5MHz, 600mA Synchronous Step-down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3001 Datasheet(HTML) 7 Page - Eorex Corporation

Back Button EP3001_15 Datasheet HTML 2Page - Eorex Corporation EP3001_15 Datasheet HTML 3Page - Eorex Corporation EP3001_15 Datasheet HTML 4Page - Eorex Corporation EP3001_15 Datasheet HTML 5Page - Eorex Corporation EP3001_15 Datasheet HTML 6Page - Eorex Corporation EP3001_15 Datasheet HTML 7Page - Eorex Corporation EP3001_15 Datasheet HTML 8Page - Eorex Corporation EP3001_15 Datasheet HTML 9Page - Eorex Corporation EP3001_15 Datasheet HTML 10Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
eorex
EP3001
Jul. 2006
www.eorex.com
7/10
Idle Mode Operation
At very light loads, the EP3001 automatically enters Idle Mode. In the Idle Mode, the inductor current
may reach zero or reverse on each pulse. The PWM control loop will automatically skip pulses to
maintain output regulation. The bottom MOSFET is turned off by the current reversal comparator, IZERO,
and the switch voltage will ring. This is discontinuous mode operation, and is normal behavior for the
switching regulator.
Dropout Operation
When the input voltage decreases toward the value of the output voltage, the EP3001 allows the main
switch to remain on for more than one switching cycle and increases the duty cycle
(Note 5) until it
reaches 100%. The output voltage then is the input voltage minus the voltage drop across the main
switch and the inductor. At low input supply voltage, the RDS(ON) of the P-Ch MOSFET increases, and the
efficiency of the converter decreases. Caution must be exercised to ensure the heat dissipated not to
exceed the maximum junction temperature of the IC.
Note 5:
The duty cycle D of a step-down converter is defined as:
D = TON × fOSC × 100%≈
IN
OUT
V
V
× 100%
where TON is the main switch on time, and fOSC is the oscillator frequency (1.5MHz).
Maximum Load Current
The EP3001 will operate with input supply voltage as low as 2.5V, however, the maximum load current
decreases at lower input due to large IR drop on the main switch and synchronous rectifier. The slope
compensation signal reduces the peak inductor current as a function of the duty cycle to prevent
sub-harmonic oscillations at duty cycles greater than 50%. Conversely the current limit increases as the
duty cycle decreases.
Short-Circuit Protection
A current limit (1A) circuit is equipped in the EP3001, to protect the EP3001 when the output pin is
shorted to GND pin. This current limit will suppress the output current so that the inductor current has
enough time to decay.


Similar Part No. - EP3001_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP3001-TW12B EOREX-EP3001-TW12B Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
EP3001-TW12R EOREX-EP3001-TW12R Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
EP3001-TW15B EOREX-EP3001-TW15B Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
EP3001-TW15R EOREX-EP3001-TW15R Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
EP3001-TW18B EOREX-EP3001-TW18B Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
More results

Similar Description - EP3001_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT440 ETC2-FT440 Datasheet
245Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
   600mA, 1.5MHz Synchronous Step-Down Converter
logo
ADDtek Corp
AMC3100 ADDTEK-AMC3100 Datasheet
344Kb / 10P
   1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
745Kb / 10P
   1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
logo
Eutech Microelectronics...
EUP3406 EUTECH-EUP3406 Datasheet
730Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669_12 Datasheet
466Kb / 11P
   600mA 1.5MHz Synchronous Step Down Converter
logo
Leshan Radio Company
LR8509 LRC-LR8509 Datasheet
468Kb / 10P
   1.5MHz 600mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com