Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EU1020 Datasheet(PDF) 8 Page - Eorex Corporation

Part # EU1020
Description  8-bit MCU with 10-bit A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1020 Datasheet(HTML) 8 Page - Eorex Corporation

Back Button EU1020_15 Datasheet HTML 4Page - Eorex Corporation EU1020_15 Datasheet HTML 5Page - Eorex Corporation EU1020_15 Datasheet HTML 6Page - Eorex Corporation EU1020_15 Datasheet HTML 7Page - Eorex Corporation EU1020_15 Datasheet HTML 8Page - Eorex Corporation EU1020_15 Datasheet HTML 9Page - Eorex Corporation EU1020_15 Datasheet HTML 10Page - Eorex Corporation EU1020_15 Datasheet HTML 11Page - Eorex Corporation EU1020_15 Datasheet HTML 12Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
eorex
EU1020
Dec.2009
www.eorex.com
8/22
TMRC register
*TMRC.0(RTCF) : real time counter transient flag. Once TRTC signal is transient, this flag will be
set as RTCF=1 by hardware. This bit could be cleared by software.
*TMRC.1(RTCEN) : real time counter enable/disable flag.
RTCEN = 1, enable real time counter;
RTCEN = 0, disable real time counter.
*TMRC.2(TBF) : base timer transient flag. Once TBASE signal is transient, this flag will be set as
TBF=1 by hardware. This bit could be cleared by software.
*TMRC.3(TBEN) : Base timer enable/disable flag.
TBEN = 1, enable base timer;
TBEN = 0, disable base timer.
Watchdog Timer
Watchdog timer block diagram is shown as figure_B. The clock source comes from CPU system clock.
Figure_B
Note:
*Once TMRC.5 (WDTEN) is set as “1”, the watchdog timer will start to count till the watchdog timer
overflows, and then the TMRC.4 (WDTF) is set as “1”. Meanwhile, CPU will have a warm reset by
hardware and the data in addresses $2FFCH and $2FFDH will be loaded into program counter.
Watchdog timer can be cleared by setting TMRC.5 (WDTEN=0). Please note well that the
EU1020 watchdog timer is preset as disable after power on reset. Once watchdog timer is
enabled by setting TMRC.5=1, watchdog timer won’t be stopped by software. Set
TMRC.5=0 will just clear watchdog timer counter.
Address 01H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
NAME TMRC
WDT Divide
WDTEN
WDTF
TBEN
TBF
RTCEN
RTCF
Read or Write
W
W
R/W
R/W
R/W
R/W
R/W
R/W
Default Value
0
0
0
#
0
#
0
#


Similar Part No. - EU1020_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EU1020-XX-SUR EOREX-EU1020-XX-SUR Datasheet
540Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1020-XX-SUT EOREX-EU1020-XX-SUT Datasheet
540Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1020-XX-SUU EOREX-EU1020-XX-SUU Datasheet
540Kb / 21P
   8-bit MCU with 10-bit A/D Converter
More results

Similar Description - EU1020_15

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EU1010 EOREX-EU1010_09 Datasheet
511Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1010 EOREX-EU1010 Datasheet
561Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1020 EOREX-EU1020 Datasheet
540Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1010 EOREX-EU1010_15 Datasheet
341Kb / 22P
   8-bit MCU with 10-bit A/D Converter
logo
Fujitsu Component Limit...
MB4051 FUJITSU-MB4051 Datasheet
750Kb / 23P
   8 CH 10 BIT A/D CONVERTER
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
   10-bit, 8 Channels A/D Converter
logo
Microchip Technology
PIC16F72 MICROCHIP-PIC16F72 Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
logo
Holtek Semiconductor In...
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com