Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX8052F143-1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # AX8052F143-1
Description  SoC Ultra-Low Power RF-Microcontroller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F143-1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AX8052F143-1 Datasheet HTML 4Page - ON Semiconductor AX8052F143-1 Datasheet HTML 5Page - ON Semiconductor AX8052F143-1 Datasheet HTML 6Page - ON Semiconductor AX8052F143-1 Datasheet HTML 7Page - ON Semiconductor AX8052F143-1 Datasheet HTML 8Page - ON Semiconductor AX8052F143-1 Datasheet HTML 9Page - ON Semiconductor AX8052F143-1 Datasheet HTML 10Page - ON Semiconductor AX8052F143-1 Datasheet HTML 11Page - ON Semiconductor AX8052F143-1 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
AX8052F143
www.onsemi.com
8
Table 4. SUPPLIES
Units
Max
Typ
Min
Condition
Description
Sym
IRX−SE
Current consumption TX
single ended
868 MHz, 0 dBm, FSK, Note 3
RF frequency generation subsystem:
Internal VCO and internal loop−filter
Antenna configuration:
Single ended PA, external RX/TX
switching
7.5
mA
IMCU
Microcontroller running power
consumption
All peripherals disabled
150
mA/
MHz
IVSUP
Voltage supervisor
Run and standby mode
85
mA
ILPXTAL
Crystal oscillator current
(RF reference oscillator)
16 MHz
160
mA
ILFXTAL
Low frequency crystal oscillator current
32 kHz
700
nA
IRCOSC
Internal oscillator current
20 MHz
210
mA
ILPOSC
Internal Low Power Oscillator current
10 kHz
650
nA
640 Hz
210
nA
IADC
ADC current
311 kSample/s, DMA 5 MHz
1.1
mA
IWOR
Typical wake−on−radio duty cycle current
1s, 100 kbps
6
mA
1. If VDD_IO ramps cannot be guaranteed, an external reset circuit is recommended, see the AX8052 Application Note: Power On Reset
2. Digital circuitry is functional down to typically 1 V.
3. Measured with optimized matching networks.
For information on current consumption in complex
modes of operation tailored to your application, see the
software AX−RadioLab.
Note on current consumption in TX mode
To achieve best output power the matching network has to
be optimized for the desired output power and frequency. As
a rule of thumb a good matching network produces about
50% efficiency with the AX8052F143 power amplifier
although over 90% are theoretically possible. A typical
matching network has between 1 dB and 2 dB loss (Ploss).
The theoretical efficiencies are the same for the single ended
PA (ANTP1) and differential PA (ANTP and ANTN)
therefore only one current value is shown in the table below.
We recommend to use the single ended PA for low output
power and the differential PA for high power. The
differential PA is internally multiplexed with the LNA on
pins ANTP and ANTN. Therefore constraints for the RX
matching have to be considered for the differential PA
matching.
The current consumption can be calculated as
ITX[mA] +
1
PAefficiency
10
Pout[dBm])Ploss[dB]
10
B 1.8V ) Ioffset
Ioffset is about 6 mA for the fully integrated VCO at 400
MHz to 1050 MHz, and 3 mA for the VCO with external
inductor at 169 MHz. The following table shows calculated
current consumptions versus output power for Ploss = 1 dB,
PAefficiency = 0.5, Ioffset= 6 mA at 868 MHz and Ioffset=
3.5 mA at 169 MHz.
Table 5. CURRENT CONSUMPTION VS. OUTPUT
POWER
Pout [dBm]
Itxcalc [mA]
868 MHz
169 MHz
0
7.5
4.5
1
7.9
4.9
2
8.4
5.4
3
9.0
6.0
4
9.8
6.8
5
10.8
7.8
6
12.1
9.1
7
13.7
10.7
8
15.7
12.7
9
18.2
15.2
10
21.3
18.3
11
25.3
22.3
12
30.3
27.3
13
36.7
33.7
14
44.6
41.6
15
54.6
51.6
Both AX8052F143 power amplifiers run from the
regulated VDD_ANA supply and not directly from the
battery. This has the advantage that the current and output
power do not vary much over supply voltage and
temperature.


Similar Part No. - AX8052F143-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX8052F143-2 ONSEMI-AX8052F143-2 Datasheet
388Kb / 30P
   Ultra-Low Power Microcontroller
Revision 2
AX8052F143-2 ONSEMI-AX8052F143-2 Datasheet
467Kb / 45P
   SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
AX8052F143-3 ONSEMI-AX8052F143-3 Datasheet
467Kb / 45P
   SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
More results

Similar Description - AX8052F143-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX8052F151 ONSEMI-AX8052F151 Datasheet
545Kb / 51P
   SoC Ultra-Low Power RF-Microcontroller
Revision 2
AX8052F131 ONSEMI-AX8052F131 Datasheet
781Kb / 46P
   SoC Ultra-Low Power RF-Microcontroller
Revision 2
AX8052F131 ONSEMI-AX8052F131_17 Datasheet
338Kb / 30P
   SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
AX8052F131 ONSEMI-AX8052F131_16 Datasheet
312Kb / 29P
   SoC Ultra-Low Power RF-Microcontroller
May, 2016 ??Rev. 3
AX8052F151 ONSEMI-AX8052F151_16 Datasheet
331Kb / 34P
   SoC Ultra-Low Power RF-Microcontroller
May, 2016 ??Rev. 3
AX8052F143 ONSEMI-AX8052F143_17 Datasheet
467Kb / 45P
   SoC Ultra-Low Power RF-Microcontroller
August, 2017 ??Rev. 4
AXM0F243 ONSEMI-AXM0F243 Datasheet
544Kb / 53P
   SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
March, 2020 ??Rev. 2
logo
ATMEL Corporation
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
   Ultra Low Power BLE 4.1 SoC
logo
Renesas Technology Corp
DA16200 RENESAS-DA16200 Datasheet
3Mb / 154P
   Ultra Low Power Wi-Fi SoC
04-Jan-2023
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com