Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA12-600C4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # BTA12-600C4G
Description  Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTA12-600C4G Datasheet(HTML) 5 Page - ON Semiconductor

  BTA12-600C4G Datasheet HTML 1Page - ON Semiconductor BTA12-600C4G Datasheet HTML 2Page - ON Semiconductor BTA12-600C4G Datasheet HTML 3Page - ON Semiconductor BTA12-600C4G Datasheet HTML 4Page - ON Semiconductor BTA12-600C4G Datasheet HTML 5Page - ON Semiconductor BTA12-600C4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTA12−600C4G, BTA12−800C4G
http://onsemi.com
5
80
60
40
20
0
-20
-40
1.2
80
0
0.4
0.8
1.6
-60
-60
-40
-20
0
20
2.4
40
0
0.4
0.8
1.2
1.6
2.0
2.8
2.0
MAIN TERMINAL VOLTAGE = 12 Vdc
ALL QUADRANTS
60
MAIN TERMINAL VOLTAGE = 12 Vdc
ALL QUADRANTS
TC, CASE TEMPERATURE (°C)
TC, CASE TEMPERATURE (°C)
10 k
200
5.0 k
2.0 k
1.0 k
500
0.1
t, TIME (ms)
100
50
20
5.0
2.0
1.0
0.02
0.5
1.0
0.5
0.2
0.1
0.05
0.2
0.01
ZqJC(t) = r(t) • RqJC
Figure 5. Typical Gate Trigger Current
Figure 6. Typical Holding Current
Figure 7. Thermal Response


Similar Part No. - BTA12-600C4G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-600C STMICROELECTRONICS-BTA12-600C Datasheet
116Kb / 7P
   12A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA12-600C TGS-BTA12-600C Datasheet
97Kb / 1P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Inchange Semiconductor ...
BTA12-600C ISC-BTA12-600C Datasheet
107Kb / 1P
   With TO-220AB insulated package
logo
STMicroelectronics
BTA12-600C STMICROELECTRONICS-BTA12-600C Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
More results

Similar Description - BTA12-600C4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com