Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6588MC Datasheet(PDF) 3 Page - ON Semiconductor

Part # LA6588MC
Description  Single-phase Fan Motor IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA6588MC Datasheet(HTML) 3 Page - ON Semiconductor

  LA6588MC Datasheet HTML 1Page - ON Semiconductor LA6588MC Datasheet HTML 2Page - ON Semiconductor LA6588MC Datasheet HTML 3Page - ON Semiconductor LA6588MC Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LA6588MC
No.A2020-3/4
Package Dimensions
unit : mm (typ)
3420
Pin Assignment
Block Diagram
OUT1
IN+
IN-
OUT2
1.5V REG
H
HB
GND
VCC
CT
FG
RD
CT=0.47 to 1
μF
AMP
Power supply
Control
circuit
Charge discharge
Discharge pulse
Pd max -- Ta
Ambient temperature, Ta --
°C
MSG06804
-30
0
30
60
90
120
0
0.2
0.4
0.6
0.8
1.0
0.384
Mounted on specified board: 114.3
×76.1×1.6mm3
glass epoxy board.
SANYO : MFP10SK(225mil)
1
10
2
0.8 MAX
1.0
0.35
5.0
0.15
1
2
3
4
5
10
9
8
7
6
IN+
IN-
HB
CT
OUT1
RD
VCC
FG
OUT2
GND
Top View
LA6588MC


Similar Part No. - LA6588MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6588MC SANYO-LA6588MC Datasheet
101Kb / 4P
   Monolithic Linear IC 24V power supply, BTL output linear drive Single-phase Fan Motor IC
logo
ON Semiconductor
LA6588MC ONSEMI-LA6588MC Datasheet
183Kb / 8P
   Single?릔hase Fan Motor IC, 24V Power Supply BTL Output Linear Drive
February, 2018 ??Rev. 1
LA6588MC-AH ONSEMI-LA6588MC-AH Datasheet
183Kb / 8P
   Single?릔hase Fan Motor IC, 24V Power Supply BTL Output Linear Drive
February, 2018 ??Rev. 1
LA6588MC-W-AH ONSEMI-LA6588MC-W-AH Datasheet
183Kb / 8P
   Single?릔hase Fan Motor IC, 24V Power Supply BTL Output Linear Drive
February, 2018 ??Rev. 1
LA6588MC ONSEMI-LA6588MC_18 Datasheet
183Kb / 8P
   Single?릔hase Fan Motor IC, 24V Power Supply BTL Output Linear Drive
February, 2018 ??Rev. 1
More results

Similar Description - LA6588MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA6597FMC ONSEMI-LA6597FMC Datasheet
281Kb / 5P
   Single-phase Full-wave Fan Motor IC
May, 2013
ENA2073 ONSEMI-ENA2073 Datasheet
281Kb / 5P
   Single-phase Full-wave Fan Motor IC
May, 2013
LA6681MC ONSEMI-LA6681MC Datasheet
287Kb / 4P
   Single-phase Full-wave Fan Motor IC
May, 2013
logo
LSI Computer Systems
BA6428F LSI-BA6428F Datasheet
263Kb / 2P
   Single phase full-wave driver IC for fan motor
logo
ON Semiconductor
LV8862JA ONSEMI-LV8862JA Datasheet
301Kb / 12P
   Single-phase FAN Motor Driver
March 2015 - Rev. 1
LV8161MU ONSEMI-LV8161MU Datasheet
438Kb / 11P
   Single-Phase Fan Motor Driver
April, 2014
LV11961HA ONSEMI-LV11961HA Datasheet
391Kb / 14P
   Single-phase FAN Motor Driver
November 2015 - Rev. 2
logo
Unisonic Technologies
SK6908 UTC-SK6908_15 Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908_07 Datasheet
137Kb / 6P
   SINGLE-PHASE DC-FAN MOTOR DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com