Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT700-06RH Datasheet(PDF) 1 Page - ON Semiconductor

Part # SBT700-06RH
Description  Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBT700-06RH Datasheet(HTML) 1 Page - ON Semiconductor

  SBT700-06RH Datasheet HTML 1Page - ON Semiconductor SBT700-06RH Datasheet HTML 2Page - ON Semiconductor SBT700-06RH Datasheet HTML 3Page - ON Semiconductor SBT700-06RH Datasheet HTML 4Page - ON Semiconductor SBT700-06RH Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
71013 TKIM TC-00002873/D1609SD TKIM TC-00002217 No. A1635-1/5
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
June, 2013
SBT700-06RH
Schottky Barrier Diode
60V, 70A, VF; 0.66V Dual To-3PF-3L Cathode Common
Applications
High frequency rectification (switching regulators, converters, choppers)
Features
Guaranteed up to Tj=150°C
Low forward voltage (VF max=0.66V)
Fast reverse recovery time
Low switching noise
High reliability due to highly reliable planar structure
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
60
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
66
V
Average Output Current
I
O
50Hz resistive load, Sine wave Tc=44°C
70
A
Surge Forward Current
I
FSM
50Hz sine wave, 1 cycle
200
A
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7538A-003
Ordering number : ENA1635A
Ordering & Package Information
Device
Package
Shipping
memo
SBT700-06RH-1E
TO-3PF-3L
SC-94
30pcs./tube
Pb-Free
Marking
Electrical Connection
13
2
SBT700
06 LOT No.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
1 : Anode
2 : Cathode
3 : Anode
TO-3PF-3L
15.5
5.5
3.0
0.9
0.75
3.6
2.0
2.0
4.0
12
3
5.45
5.45
2.0
SBT700-06RH-1E


Similar Part No. - SBT700-06RH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT700-06RH SANYO-SBT700-06RH Datasheet
266Kb / 3P
   60V, 70A Rectifier
More results

Similar Description - SBT700-06RH

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com