Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP060-1S35-24 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP060-1S35-24
Description  C ompact size 3' x 5" x 0.82"||" "780286
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP060-1S35-24 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP060-1S35-24 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
60W Open frame type power supply with 24V DC output
for information technolegy and industrial applications
APPLICATION
For information technolegy and industrial applications
FEATURES
C ompact size 3'' x 5" x 0.82"
Power saving function
Safety compliance : IEC 60950
MTBF 100,000 hours
RoHS compliant
W ATTAGE
Wattage:
60W
PRODUCT HIGHLIGHT
Efficiency Lev el:
83% min.
Output Voltage:
24 VDC
Size:
76.2 ( 3") x 127 ( 5" ) x 25 (
0.82") mm
INPUT SPECIFICATION
Input Ty pe:
AC -DC
Input Voltage:
90~264 Vac
Input F requency :
47~63 Hz
OUTPUT SPECIFICATION
Output Voltage/Current:
Output1
24 V , 2.5 A
Ripple & Noise:
Output1
240mV
MECHANICAL
Dimension:
76.2mm(L) x 127mm(W) x
25mm(H)
Connector Ty pe-Input:
A3961WV2-3P or equivalent
Conntector Ty pe-Output:
A3961WV2-6P or equivalent
Remote Control:
No
ENVIRONMENTAL SPECIFICATION
Storage temperature:
-20to +65
GENERAL SPECIFICATION
Efficiency :
83% minimum on all
models
Hold-up time:
20 ms minimum at 20 VAC
MTBF :
100,000 hours minimum at
full load at 25 ambient,
calculated per MIL-HDBK-
217F
EMC PERFORMANCE
EN61000-3-2:
Harmonic distortion
EN61000-3-3:
Line flicker
EN61000-4-2:
Electrostatic discharge
immunity
EN61000-4-4:
Fast transient/burst
EN61000-4-5:
Surge
EN61000-4-11:
Power shortage immunity
shall be in compliance with
immunity to 20ms shortage
as per EN61000-4-11
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Industry
FSP060-1S35-24


Similar Part No. - FSP060-1S35-24

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP060-1S35-12 FSP-FSP060-1S35-12 Datasheet
132Kb / 1P
   Power saving function
FSP060-1S35-19 FSP-FSP060-1S35-19 Datasheet
132Kb / 1P
   Power saving function
FSP060-1S35-36 FSP-FSP060-1S35-36 Datasheet
132Kb / 1P
   60W Open frame type power supply with 36V DC output
FSP060-1S35-48 FSP-FSP060-1S35-48 Datasheet
132Kb / 1P
   Power saving function
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com