Electronic Components Datasheet Search |
|
FSP060-3K90M1 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC. |
|
FSP060-3K90M1 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC. |
|
1 / 1 page DESCRIPTION This series of compact, open PC B constructed, AC -DC switching power supplies are capable of delivering 37.5-64 watts of continuous output power at convection cooling.They operate at 90-264 VAC input voltage without the need of voltage ion, and are suited for medical, information technology and industrial applications. Approval to both EN60601-1 and EN60950-1 safety standards improves design-in time and reduces end equipment compliance costs. FEATURES Medical and ITE approvals C ompact size 2” x 4” x 1.18” Single, dua l and triple outputs Wide-range input 90-264 VAC Low earth leakage current Level B emissions RoHS compliant W ATTAGE Wattage: 55W DIMENSION Dimension: 101.6mm(L) x 50.8mm(W) x 30.0mm(H) INPUT SPECIFICATION Input Range: 90-264 Vdc Input F requency : 47-63 Hz Input Current: 1.3A(rms) for100VAC , 0.7A(rms) for240VAC Leakage Current: 150 µA max. @ 264 VAC ,63 Hz SAFETY STANDARD APPAOVAL OUTPUT SPECIFICATION Ripple & Noise: Maximum excursion of 4% or better on all models, recovering to 1% of final value within 500 us after a 25% step load change Ov er Current Protection: All outputs protected to short circuit conditions. GENERAL SPECIFICATION Efficiency : 80~88% typical except PM42-31-3A and PM42-31-5A at 75% typical Inrush Current: 30A @115VAC , or 60A @ 230VAC , at 25"C cold start ENVIRONMENTAL SPECIFICATION TEMP.Range: Operating Temperature:-10°C to +70°C Storage Temperature: -40°C to + 85℃ MTBF : 400,000 hours at full load at 25"C ambient, calculated per MIL-HDBK- 217F *Output Voltage and C urrent Rating +5V +24V -12V Ripple-Noise(R-P) mV 100mV 240mV 120mV Regulation Load % ±3% ±5% ±4% Output Max.(A) 8A 1.5A 0.5A Output Min.(A) 0.5A 0.1A 0A NOTES 1. Safety approvals are for PC B form only. To order models with metallic L-bracket or box, change suffix “A” to “B” for L- bracket form, to “C ” for enclosed form (see Outline Drawing of C ased Internal Switchers), e.g. PM100-14C . 2. Ripple and noise is maximum peak to peak voltage value measured at output within 20 MHz bandwidth, at rated line voltage and output load ranges, and with a 10 μF tantalum capacitor in parallel with a 0.1 μF ceramic capacitor across the output. MECHANICAL SPECIFICATION T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il. FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice Medical PSU FSP060-3K90M1 |
Similar Part No. - FSP060-3K90M1 |
|
Similar Description - FSP060-3K90M1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |