Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100344D Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100344D
Description  Low Power 8-Bit Latch with Cut-Off Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100344D Datasheet(HTML) 4 Page - National Semiconductor (TI)

  100344D Datasheet HTML 1Page - National Semiconductor (TI) 100344D Datasheet HTML 2Page - National Semiconductor (TI) 100344D Datasheet HTML 3Page - National Semiconductor (TI) 100344D Datasheet HTML 4Page - National Semiconductor (TI) 100344D Datasheet HTML 5Page - National Semiconductor (TI) 100344D Datasheet HTML 6Page - National Semiconductor (TI) 100344D Datasheet HTML 7Page - National Semiconductor (TI) 100344D Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
V
EE = −4.2V to −5.7V, VCC = VCCA = GND
Symbol
Parameter
T
C = −55˚C
T
C = +25˚C
T
C = +125˚C
Units
Conditions
Notes
Min
Max
Min
Max
Min
Max
t
PLH
Propagation Delay
0.50
2.60
0.70
2.60
0.70
3.10
ns
Figures 1, 2
(Notes 8, 9,
10, 12)
t
PHL
D
n to Output
t
PLH
Propagation Delay
0.80
3.30
1.00
3.30
1.10
3.80
ns
Figures 1, 4
(Notes 8, 9,
10, 12)
t
PHL
LE, E to Output
t
PZH
Propagation Delay
1.00
4.60
1.10
4.20
1.20
4.40
ns
Figures 1, 2
(Notes 8, 9,
10, 12)
t
PHZ
OEN to Output
0.70
3.00
0.70
2.80
0.70
3.20
t
TLH
Transition Time
0.40
2.50
0.40
2.40
0.40
2.70
ns
Figures 1, 3
(Note 11)
t
THL
20% to 80%,80% to
20%
t
s
Setup Time
(Note 11)
D
0–D7
1.50
1.50
1.70
ns
Figures 1, 3
t
h
Hold Time
(Note 11)
D
0–D7
0.60
0.60
0.60
ns
Figures 1, 3
t
pw(H)
Pulse Width HIGH
(Note 11)
LE, E
2.40
2.40
2.40
ns
Figures 1, 3
Note 8: F100K 300 Series cold temperature testing is performed by temperature soaking (to guarantee junction temperature equals −55˚C), then testing immediately
after power-up. This provides “cold start” specs which can be considered a worst case condition at cold temperatures.
Note 9: Screen tested 100% on each device at +25˚C temperature only, Subgroup A9.
Note 10: Sample tested (Method 5005, Table I) on each manufactured lot at +25˚C, Subgroup A9, and at +125˚C and −55˚C temperatures, Subgroups A10 and A11.
Note 11: Not tested at +25˚C, +125˚C, and −55˚C temperature (design characterization data).
Note 12: The propagation delay specified is for single output switching. Delays may vary up to 300 ps with multiple outputs switching.
Test Circuitry
DS100317-6
Notes:
VCC,VCCA = +2V, VEE = −2.5V
L1 and L2 = equal length 50
Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1 µF from GND to VCC and VEE
All unused outputs are loaded with 25
Ω to GND
CL = Fixture and stray capacitance ≤ 3pF
FIGURE 1. AC Test Circuit
www.national.com
4


Similar Part No. - 100344D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100344 FAIRCHILD-100344 Datasheet
71Kb / 7P
   Low Power 8-Bit Latch with Cut-Off Drivers
logo
PHOENIX CONTACT
1003446 PHOENIX-1003446 Datasheet
43Kb / 2P
   Insert strip - ES/LP-BW
logo
Fairchild Semiconductor
100344PC FAIRCHILD-100344PC Datasheet
71Kb / 7P
   Low Power 8-Bit Latch with Cut-Off Drivers
100344QC FAIRCHILD-100344QC Datasheet
71Kb / 7P
   Low Power 8-Bit Latch with Cut-Off Drivers
100344QI FAIRCHILD-100344QI Datasheet
71Kb / 7P
   Low Power 8-Bit Latch with Cut-Off Drivers
More results

Similar Description - 100344D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100344 FAIRCHILD-100344 Datasheet
71Kb / 7P
   Low Power 8-Bit Latch with Cut-Off Drivers
100354 FAIRCHILD-100354 Datasheet
91Kb / 9P
   Low Power 8-Bit Register with Cut-Off Drivers
100352 FAIRCHILD-100352 Datasheet
71Kb / 8P
   Low Power 8-Bit Buffer with Cut-Off Drivers
logo
National Semiconductor ...
100352 NSC-100352 Datasheet
143Kb / 8P
   Low Power 8-Bit Buffer with Cut-Off Drivers
logo
Fairchild Semiconductor
100343 FAIRCHILD-100343 Datasheet
73Kb / 8P
   Low Power 8-Bit Latch
logo
National Semiconductor ...
100343 NSC-100343 Datasheet
155Kb / 8P
   Low Power 8-Bit Latch
logo
Fairchild Semiconductor
100319 FAIRCHILD-100319 Datasheet
53Kb / 6P
   Low Power Hex Line Driver with Cut-Off
100316 FAIRCHILD-100316 Datasheet
56Kb / 6P
   Low Power Quad Differential Line Driver with Cut-Off
logo
Toshiba Semiconductor
TB62717NG TOSHIBA-TB62717NG Datasheet
670Kb / 21P
   24 Bit Constant Current Drivers (3 × 8 Bit Shift Register & Latch)
2007-12-06
logo
Molex Electronics Ltd.
11-18-4447 MOLEX11-11-18-4447 Datasheet
30Kb / 1P
   Cut-off Punch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com