Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME1-3.3SJZ Datasheet(PDF) 3 Page - AIMTEC

Part # AME1-3.3SJZ
Description  Over current, Short Circuit Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME1-3.3SJZ Datasheet(HTML) 3 Page - AIMTEC

  AME1-3.3SJZ Datasheet HTML 1Page - AIMTEC AME1-3.3SJZ Datasheet HTML 2Page - AIMTEC AME1-3.3SJZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AME1-JZ
1Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
3 of 3
North America only
Application circuit
*GND connection not allowed
EMC recommended circuit
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Model
C2
TVS
3.3 & 5 Vout
220 µF / 35V
7V
9 Vout
120 µF / 35V
12V
12 & 15 Vout
120 µF / 35V
20V
24 Vout
68 µF / 35V
30V
AC
DC
AC L
AC N
+ Vout
- Vout
Single Output
MOV
S14K350
FUSE
1A/300V
C1
1µF/50V
NTC
AC L
AC N
4
3
C2
+
TVS
CX
0.1µF/
305VAC
AC
DC
AC L
AC N
+ Vout
- Vout
Single Output
MOV
S14K350
FUSE
1A/300V
C1
1µF/50V
AC L
AC N
4
3
C2
+
TVS
LCM
10mH
CX
0.1µF/
305VAC
GND
CY1
2.2nF/
400VAC
CY2
2.2nF/
400VAC
NTC


Similar Part No. - AME1-3.3SJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME1-3.3SAZ AIMTEC-AME1-3.3SAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-3.3SAZ AIMTEC-AME1-3.3SAZ Datasheet
178Kb / 3P
   Over load, Short Circuit Protection
AME1-3.3SAZ AIMTEC-AME1-3.3SAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
AME1-3.3SBAZ AIMTEC-AME1-3.3SBAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-3.3SBAZ AIMTEC-AME1-3.3SBAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
More results

Similar Description - AME1-3.3SJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME2-JZ AIMTEC-AME2-JZ Datasheet
146Kb / 3P
   Over current, Short Circuit Protection
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
479Kb / 5P
   short circuit, over voltage protection, over current protection
logo
MORNSUN Science& Techno...
MA00505WA MORNSUN-MA00505WA Datasheet
261Kb / 3P
   Over voltage, Over current, Short circuit protection
MG01205HA MORNSUN-MG01205HA Datasheet
324Kb / 4P
   Over voltage, Over current, Short circuit protection
MA00505VA MORNSUN-MA00505VA Datasheet
330Kb / 4P
   Over voltage, Over current, Short circuit protection
logo
Vincotech
20-PB06IPB010RC-P955A40Y VINCOTECH-20-PB06IPB010RC-P955A40Y Datasheet
2Mb / 30P
   Over current and short circuit protection
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
   Output over voltage, short circuit, and over current protection
logo
AIMTEC
AME1-AZ AIMTEC-AME1-AZ Datasheet
178Kb / 3P
   Over load, Short Circuit Protection
AME3-AZ AIMTEC-AME3-AZ Datasheet
207Kb / 3P
   Over load, Short Circuit Protection
logo
CUI INC
SWI12-SC CUI-SWI12-SC Datasheet
419Kb / 4P
   short circuit, over current, and over voltage protections
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com