Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM30KW-4824SIZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM30KW-4824SIZ
Description  Continuous Short Circuit Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30KW-4824SIZ Datasheet(HTML) 1 Page - AIMTEC

  AM30KW-4824SIZ Datasheet HTML 1Page - AIMTEC AM30KW-4824SIZ Datasheet HTML 2Page - AIMTEC AM30KW-4824SIZ Datasheet HTML 3Page - AIMTEC AM30KW-4824SIZ Datasheet HTML 4Page - AIMTEC AM30KW-4824SIZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM30KW-IZ
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
1 of 5
North America only
FEATURES:
• Ultra-Wide 4:1 Input
Standard package 2”x1.6”
• Continuous Short Circuit Protection
High efficiency up to 85%
• Remote On/Off control
RoHS compliant
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Isolation
(VDC)
Efficiency
(%)
AM30KW-2403SIZ
9-36
3.3
5.4
1500
78
AM30KW-2405SIZ
9-36
5
6
1500
81
AM30KW-2412SIZ
9-36
12
2.5
1500
84
AM30KW-2415SIZ
9-36
15
2
1500
82
AM30KW-2424SIZ
9-36
24
1.25
1500
82
AM30KW-4803SIZ
18-75
3.3
5.4
1500
78
AM30KW-4805SIZ
18-75
5
6
1500
80
AM30KW-4812SIZ
18-75
12
2.5
1500
83
AM30KW-4815SIZ
18-75
15
2
1500
83
AM30KW-4824SIZ
18-75
24
1.25
1500
83
AM30KW-2403SH30IZ
9-36
3.3
5.4
3000
78
AM30KW-2405SH30IZ
9-36
5
6
3000
81
AM30KW-2412SH30IZ
9-36
12
2.5
3000
84
AM30KW-2415SH30IZ
9-36
15
2
3000
82
AM30KW-2424SH30IZ
9-36
24
1.25
3000
82
AM30KW-4803SH30IZ
18-75
3.3
5.4
3000
78
AM30KW-4805SH30IZ
18-75
5
6
3000
80
AM30KW-4812SH30IZ
18-75
12
2.5
3000
83
AM30KW-4815SH30IZ
18-75
15
2
3000
83
AM30KW-4824SH30IZ
18-75
24
1.25
3000
83
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM30KW-2405DIZ
9-36
±5
±3
1500
81
AM30KW-2412DIZ
9-36
±12
±1.25
1500
82
AM30KW-2415DIZ
9-36
±15
±1
1500
83
AM30KW-4805DIZ
18-75
±5
±3
1500
83
AM30KW-4812DIZ
18-75
±12
±1.25
1500
85
AM30KW-4815DIZ
18-75
±15
±1
1500
85
AM30KW-2405DH30IZ
9-36
±5
±3
3000
81
AM30KW-2412DH30IZ
9-36
±12
±1.25
3000
82
AM30KW-2415DH30IZ
9-36
±15
±1
3000
83
AM30KW-4805DH30IZ
18-75
±5
±3
3000
83
AM30KW-4812DH30IZ
18-75
±12
±1.25
3000
85
AM30KW-4815DH30IZ
18-75
±15
±1
3000
85
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Click on Series name for product info on aimtec.com


Similar Part No. - AM30KW-4824SIZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30KW-4824SIZ AIMTEC-AM30KW-4824SIZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-4824SIZ AIMTEC-AM30KW-4824SIZ Datasheet
500Kb / 5P
   30 Watt | DC-DC Converter
More results

Similar Description - AM30KW-4824SIZ

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com