Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME1-24SJZ Datasheet(PDF) 1 Page - AIMTEC

Part # AME1-24SJZ
Description  Over current, Short Circuit Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME1-24SJZ Datasheet(HTML) 1 Page - AIMTEC

  AME1-24SJZ Datasheet HTML 1Page - AIMTEC AME1-24SJZ Datasheet HTML 2Page - AIMTEC AME1-24SJZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AME1-JZ
1Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
1 of 3
North America only
FEATURES:
Picture coming soon
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(mA)
Maximum
capacitive
Load
(µF)
Efficiency
(%)
230
VAC
AME1-3.3SJZ
85-305/47-63
120-430
-25 to +70
3.3
300
4000
63
AME1-5SJZ
85-305/47-63
120-430
-25 to +70
5
200
4000
68
AME1-9SJZ
85-305/47-63
120-430
-25 to +70
9
111
2200
72
AME1-12SJZ
85-305/47-63
120-430
-25 to +70
12
83
2200
73
AME1-15SJZ
85-305/47-63
120-430
-25 to +70
15
67
1000
74
AME1-24SJZ
85-305/47-63
120-430
-25 to +70
24
42
680
75
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
30
mA
230 VAC
17
mA
Inrush current <2ms (cold start)
115 VAC
5
A
230 VAC
11
A
Leakage current
0.15
mA
External fuse
Recommended slow blow type
1
A
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
Full load, nominal input
±6
%
Line regulation
LL-HL, Full Load
±2
%
Load regulation
10% - 100% load, nominal input
±5
%
Minimum load
10
%
Ripple & Noise*
3.3/5 VDC With 560µF E/C
100
200
mV p-p
*Ripple &Noise measured at 20MHz bandwidth with 1µF C/C and 10µF E/C and 115/230VAC with Full Load.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
3000
VAC
Isolation Resistance
>1000
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100
KHz
Over Current protection
Auto recovery
≥110%
Short circuit protection
Auto recovery
Operating temperature
With derating above 55°C
-25 to +70
°C
Storage temperature
-40 to +85
°C
Maximum Case temperature
100
°C
Humidity
Non condensing
20 ~ 90
% RH
Case material
Plastic resin (flammability to UL 94V-0)
Weight
20
g
Cooling
Free air convection
Dimensions (L x W x H)
1.33 x 0.87 x 0.71 (33.70 x 22.20 x 18.00mm)
MTBF
> 300,000 hrs (MIL-HDBK -217F, t=+25oC)/Full Load
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
• I/O Isolation 3000VAC
• Class II Power supply
• Operating Temp: -25°C to +70°C
• Input: 85-305VAC, 47-63Hz, or 120-430 VDC
• Over current, Short Circuit Protection
• Energy Star compliant
• Ultra-small package
Click on Series name for product info on aimtec.com


Similar Part No. - AME1-24SJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME1-24SAZ AIMTEC-AME1-24SAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-24SAZ AIMTEC-AME1-24SAZ Datasheet
178Kb / 3P
   Over load, Short Circuit Protection
AME1-24SAZ AIMTEC-AME1-24SAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
AME1-24SBAZ AIMTEC-AME1-24SBAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-24SBAZ AIMTEC-AME1-24SBAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
More results

Similar Description - AME1-24SJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME2-JZ AIMTEC-AME2-JZ Datasheet
146Kb / 3P
   Over current, Short Circuit Protection
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
479Kb / 5P
   short circuit, over voltage protection, over current protection
logo
MORNSUN Science& Techno...
MA00505WA MORNSUN-MA00505WA Datasheet
261Kb / 3P
   Over voltage, Over current, Short circuit protection
MG01205HA MORNSUN-MG01205HA Datasheet
324Kb / 4P
   Over voltage, Over current, Short circuit protection
MA00505VA MORNSUN-MA00505VA Datasheet
330Kb / 4P
   Over voltage, Over current, Short circuit protection
logo
Vincotech
20-PB06IPB010RC-P955A40Y VINCOTECH-20-PB06IPB010RC-P955A40Y Datasheet
2Mb / 30P
   Over current and short circuit protection
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
   Output over voltage, short circuit, and over current protection
logo
AIMTEC
AME1-AZ AIMTEC-AME1-AZ Datasheet
178Kb / 3P
   Over load, Short Circuit Protection
AME3-AZ AIMTEC-AME3-AZ Datasheet
207Kb / 3P
   Over load, Short Circuit Protection
logo
CUI INC
SWI12-SC CUI-SWI12-SC Datasheet
419Kb / 4P
   short circuit, over current, and over voltage protections
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com