Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME3-5SCJZ Datasheet(PDF) 3 Page - AIMTEC

Part # AME3-5SCJZ
Description  Input: 85-264VAC, 47-63Hz, or 100-370 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME3-5SCJZ Datasheet(HTML) 3 Page - AIMTEC

  AME3-5SCJZ Datasheet HTML 1Page - AIMTEC AME3-5SCJZ Datasheet HTML 2Page - AIMTEC AME3-5SCJZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AME3-CJZ
3 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
3 of 3
North America only
Derating
Application circuit
*GND connection not allowed
Class B compliance recommended circuit
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Model
C2
TVS
3.3 & 5 Vout
150 µF / 35V
7V
9Vout
120 µF / 35V
12V
12 & 15 Vout
120 µF / 35V
20V
24 Vout
68 µF / 35V
30V
-20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
Input 100-240VAC or
120-340VDC
- 25
Free Air Convection
Ambient Temperature º C
70
55
70
85
(100)
100
(120)
264
(370)
100
80
60
40
20
0
Safe Operating Area
Free Air Convection at 25°C
Input Voltage VAC (VDC)
240
(340)
50
75
AC
DC
AC L
AC N
+ Vout
- Vout
Single Output
MOV
S14K350
FUSE
1A/250V
C1
1µF/50V
AC L
AC N
4
3
C2
+
TVS
AC
DC
AC L
AC N
LDM
4.7µH/2A
+Vout
- Vout
Single Output
MOV
S14K350
FUSE
1A/250V
AC N
AC L
C2 +
LCM
10-30mH
CX
0.1µF/
275VAC
GND
CY1
1nF/
400VAC
CY2
1nF/
400VAC
C1
1µF/50V
+Vout
- Vout
TVS


Similar Part No. - AME3-5SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME3-5SAZ AIMTEC-AME3-5SAZ Datasheet
450Kb / 3P
   AC-DC Converter
AME3-5SAZ AIMTEC-AME3-5SAZ Datasheet
207Kb / 3P
   Over load, Short Circuit Protection
AME3-5SAZ AIMTEC-AME3-5SAZ Datasheet
182Kb / 3P
   3Watt | AC-DC Converter
AME3-5SBAZ AIMTEC-AME3-5SBAZ Datasheet
450Kb / 3P
   AC-DC Converter
AME3-5SBAZ AIMTEC-AME3-5SBAZ Datasheet
207Kb / 3P
   Over load, Short Circuit Protection
More results

Similar Description - AME3-5SCJZ

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
   85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
   85 to 264VAC universal input
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
   Universal Input of 85~264VAC
logo
Powerbox
AIM-AC POWERBOX-AIM-AC Datasheet
147Kb / 1P
   Universal input: 85 to 264VAC
logo
Wall Industries,Inc.
PSMP20 WALL-PSMP20 Datasheet
386Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
PSME15 WALL-PSME15 Datasheet
182Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
PSME20 WALL-PSME20 Datasheet
184Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
PSMP15 WALL-PSMP15 Datasheet
204Kb / 4P
   85 - 264VAC (125 - 373VDC) Input Voltage Range
logo
Arch Electronics Corp.
AHC-E1_SERIES ARCH-AHC-E1_SERIES Datasheet
490Kb / 5P
   Universal Input Range 90-264VAC, 47-440 Hz
AFC20_SERIES ARCH-AFC20_SERIES Datasheet
520Kb / 5P
   Universal Input Range 90-264VAC, 47-440 Hz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com