Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL5-JZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMEL5-JZ
Description  Over current, Over Voltage Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL5-JZ Datasheet(HTML) 2 Page - AIMTEC

  AMEL5-JZ Datasheet HTML 1Page - AIMTEC AMEL5-JZ Datasheet HTML 2Page - AIMTEC AMEL5-JZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AMEL5-JZ
5 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
2 of 3
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Maximum Case temperature
100
°C
Temperature coefficient
0.02
% /°C
Cooling
Free air convection
Humidity
Non condensing
95
% RH
Case material
Plastic (flammability to UL 94V-0)
Weight
32
g
Dimensions (L x W x H)
2.0 x 1.0 x 0.6 inches
50.80 x 25.40 x 15.16mm
MTBF
> 300,000 hrs (MIL-HDBK -217F, t=+25
oC)/Full Load
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Safety Specifications
Parameters
Agency approvals
cULus, CE pending
Standards
Information technology Equipment
IEC/EN/UL 60950-1
EMI - Conducted and radiated emission
EN55022, class B
Electrostatic Discharge Immunity
IEC 61000-4-2 Level 3
RF, Electromagnetic Field Immunity
IEC 61000-4-3 Level 3
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4 Level 3, Level 4 with recommended EMC circuit
Surge Immunity
IEC 61000-4-5 Level 3, Level 4 with recommended EMC circuit
RF, Conducted Disturbance Immunity
IEC 61000-4-6 Level 3
Power frequency Magnetic Field Immunity
IEC 61000-4-8 Level 3
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11, Class 2
Dimensions
Pin Out Specifications
Pin
Single
1
AC Input (N)
2
AC Input (L)
3
+V Output
4
-V Output
DIV: 5.08 (0.2)
Ø 1.5 (Ø 0.06)
TOP VIEW
1
2
3
4
5
Dimensions: inch (mm)
Case Tolerance:± 0.50 (0.02)
Pin Pitch Tolerance: ± 0.10 (0.004)
25.40
(1.00)
10.16
(0.40)
50.80
(2.00)
45.72
(1.80)
20.32
(0.80)
TOP VIEW
1
2
3
4
15.16
(0.60)
Ø 1.00
(0.04)
+
Case Temperature
Measurement point


Similar Part No. - AMEL5-JZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-12DEMAZ AIMTEC-AMEL5-12DEMAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-12DEMAZ AIMTEC-AMEL5-12DEMAZ Datasheet
147Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-12DEMAZ AIMTEC-AMEL5-12DEMAZ Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-12DEMAZ AIMTEC-AMEL5-12DEMAZ Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-12DMAZ AIMTEC-AMEL5-12DMAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
More results

Similar Description - AMEL5-JZ

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
logo
ON Semiconductor
FPF2496 ONSEMI-FPF2496 Datasheet
362Kb / 11P
   Over-Voltage, Over-Current Protection
April 2017 Rev. 1.11
logo
AIMTEC
AMEL5-CJZ AIMTEC-AMEL5-CJZ Datasheet
152Kb / 3P
   Over current, Over Voltage Protection
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
479Kb / 5P
   short circuit, over voltage protection, over current protection
logo
List of Unclassifed Man...
ENH-0620 ETC2-ENH-0620 Datasheet
264Kb / 2P
   Over Current Voltage Protection
ENS-0748 ETC2-ENS-0748 Datasheet
902Kb / 2P
   Over Current Voltage Protection
ENS-0330 ETC2-ENS-0330 Datasheet
1Mb / 2P
   Over Current Voltage Protection
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
List of Unclassifed Man...
ENS-0565 ETC2-ENS-0565 Datasheet
1Mb / 2P
   Over Current Voltage Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com