Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME3-12SBAZ Datasheet(PDF) 2 Page - AIMTEC

Part # AME3-12SBAZ
Description  Over load, Short Circuit Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME3-12SBAZ Datasheet(HTML) 2 Page - AIMTEC

  AME3-12SBAZ Datasheet HTML 1Page - AIMTEC AME3-12SBAZ Datasheet HTML 2Page - AIMTEC AME3-12SBAZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AME3-AZ
3Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.J
2 of 3
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100
KHz
Over Load protection
Auto recovery
>125%
Short circuit protection
Auto recovery
Operating temperature
AME3-xxSBAZ derating at 50°C
AME3-xxSAZ derating at 55°C
-40 to +80
oC
Storage temperature
-40 to +85
oC
Maximum Case temperature
100
oC
Humidity
Non condensing
20~95
% RH
Case material
Plastic resin + Fiberglass (flammability to UL 94V-0)
Weight
25
g
Dimensions (L x W x H)
1.40 x 0.92 x 0.76 (35.60 x 23.31 x 19.32mm)
MTBF
> 400 000 hrs (MIL-HDBK -217F, t=+25
oC)/Full Load
> 100,000 hrs (MIL-HDBK -217F, t= at highest operating temperature)/Full Load
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
Environment Approval
Parameters
Conditions
Shock
Wave form: Half sine wave
Acceleration amplitude: 5gn
Bump duration: 30 ms
Number of bumps: 18 (3 in each direction for every axis)
Converter operation before and after test, body mounted (on chassis)
Vibrations
Test mode: Sweep sine
10-100Hz, speed 0.05Hz/s
Displacement: 1mm
Acceleration: 3g
3 loops 30min one cycle, 3h total, every axis tested
Converter operation before and after test, body mounted (on chassis)
Safety Specifications
Parameters
Agency approvals
cULus, CE, CB, FCC
Standards
Information technology Equipment
IEC/EN/UL 60950-1:2006+A11:2009
EMI - Conducted and radiated emission
EN55022, class B (* see note)
Harmonic Current Emissions
IEC/EN 61000-3-2, Class A
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2
RF, Electromagnetic Field Immunity
IEC 61000-4-3
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4
Surge Immunity (1KV)
IEC 61000-4-5(SAZ:Level2,SBAZ:Level 1)
RF, Conducted Disturbance Immunity
IEC 61000-4-6
Power frequency Magnetic Field Immunity
IEC 61000-4-8
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11
FCC part 15 Subpart B, Class B, ANSI C63.4 :2003
* Note: for 528VAC models to meet the EN55022 class B spec an external 0.33uF X capacitor is needed to be installed between AC L and AC N as close
as possible to the input of the power supply itself
Pin Out Specifications*
* Note: Input Pins 1 and 2 can be “N” and "L" respectively when the input voltage is supplied from a single phase.
Input Pins 1 and 2 can be “L1” and "L2" respectively when the input voltage is supplied from 3 phase line to line voltage 208-480Vac (208 Y/ 120V 3-phase,
240 Y/ 120V 3-phase, 400 Y/ 230V 3-phase or 480 Y/ 277V 3-phase).
Pin
Single
1*
AC Input (N) or (L1)
2*
AC Input (L) or (L2)
3
-V Output
4
+V Output


Similar Part No. - AME3-12SBAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME3-12SBAZ AIMTEC-AME3-12SBAZ Datasheet
450Kb / 3P
   AC-DC Converter
AME3-12SBAZ AIMTEC-AME3-12SBAZ Datasheet
182Kb / 3P
   3Watt | AC-DC Converter
More results

Similar Description - AME3-12SBAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME1-AZ AIMTEC-AME1-AZ Datasheet
178Kb / 3P
   Over load, Short Circuit Protection
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
479Kb / 5P
   short circuit, over voltage protection, over current protection
logo
AIMTEC
AME2-JZ AIMTEC-AME2-JZ Datasheet
146Kb / 3P
   Over current, Short Circuit Protection
AME1-JZ AIMTEC-AME1-JZ Datasheet
147Kb / 3P
   Over current, Short Circuit Protection
logo
MORNSUN Science& Techno...
MA00505WA MORNSUN-MA00505WA Datasheet
261Kb / 3P
   Over voltage, Over current, Short circuit protection
MG01205HA MORNSUN-MG01205HA Datasheet
324Kb / 4P
   Over voltage, Over current, Short circuit protection
MA00505VA MORNSUN-MA00505VA Datasheet
330Kb / 4P
   Over voltage, Over current, Short circuit protection
logo
CUI INC
VF-D320-DXXXA-CFS CUI-VF-D320-DXXXA-CFS Datasheet
221Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
VF-D250-DXXA-CF CUI-VF-D250-DXXA-CF Datasheet
497Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
VF-D320-DXXXA CUI-VF-D320-DXXXA Datasheet
226Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com