Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEOF3-9SJZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMEOF3-9SJZ
Description  Continuous short circuit protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOF3-9SJZ Datasheet(HTML) 2 Page - AIMTEC

  AMEOF3-9SJZ Datasheet HTML 1Page - AIMTEC AMEOF3-9SJZ Datasheet HTML 2Page - AIMTEC AMEOF3-9SJZ Datasheet HTML 3Page - AIMTEC AMEOF3-9SJZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
O
Series AMEOF3-JZ
3 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R0
2 of 4
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
60
KHz
Over current protection
Auto-recovery
≥110
% of I out
Short circuit protection
Continuous
Short circuit restart
Auto-recovery
Operating temperature
See derating curve
-40 to +85
°C
Storage temperature
-40 to +105
°C
Temperature coefficient
±0.15
% /
°C
Cooling
Free air convection
Humidity
85
% RH
Weight
7
g
Dimensions (L x W x H)
1.38 x 0.71 x 0.43 inches
35 x 18 x 11 mm
MTBF
>300,000 hours (MIL-HDBK -217F, Ground Benign, t=+25
o
C)
Safety Specifications
Parameters
Standards
IEC/EN/UL60950-1 pending approval
EN 55022, Class A & B, with external filter circuits, as referenced
IEC 61000-4-2, Contact ±4KV, Criteria B
IEC 61000-4-3, 10V/m, Criteria A, with Class B external filter, as referenced
IEC 61000-4-4, ±2KV/±4KV, Criteria B, with Class A/B external filter referenced
IEC 61000-4-5, ±1KV/±2KV, Criteria B, with Class A/B external filter referenced
IEC 61000-4-6, 10Vrms, Criteria A, with Class B external filter, as referenced
IEC 61000-4-8, 10A/m, Criteria A, with Class B external filter, as referenced
IEC 61000-4-11, 0-70%, Criteria B, with Class B external filter, as referenced
Pin Out Specifications*
Dimensions
* Add capacitor between pin 5 & 7.
Application circuit below.
Pin
Single
1
AC N
3
AC L
5
+V sc
7
-V sc
10
-V Output
12
+V Output
35.00
(1.38)
1.30
(0.05)
5.08
(0.20)
Note:
Unit: mm (inch)
Pin diameter tolerance: ±0.10 (±0.004)
Case tolerance: ±0.50 (±0.02)
1
3
5
7
10
12
27.94
(1.10)


Similar Part No. - AMEOF3-9SJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOF3-9SBJZ AIMTEC-AMEOF3-9SBJZ Datasheet
946Kb / 4P
   AC-DC Converter
AMEOF3-9SLBJZ AIMTEC-AMEOF3-9SLBJZ Datasheet
946Kb / 4P
   AC-DC Converter
More results

Similar Description - AMEOF3-9SJZ

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com