Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR30C-24140AZ Datasheet(PDF) 6 Page - AIMTEC

Part # AMEPR30C-24140AZ
Description  Over temperature protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30C-24140AZ Datasheet(HTML) 6 Page - AIMTEC

Back Button AMEPR30C-24140AZ Datasheet HTML 2Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 3Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 4Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 5Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 6Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 7Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 8Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 9Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 10Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Series AMEPR30C-AZ
up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.G
6 of 17
North America only
AMEPR30C-12250AZ


Similar Part No. - AMEPR30C-24140AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR30C-24140AZ AIMTEC-AMEPR30C-24140AZ Datasheet
646Kb / 9P
   LED Driver / Converter
AMEPR30C-24140AZ AIMTEC-AMEPR30C-24140AZ Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-24140AZ AIMTEC-AMEPR30C-24140AZ Datasheet
760Kb / 17P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
More results

Similar Description - AMEPR30C-24140AZ

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1189 SKYWORKS-AAT1189 Datasheet
3Mb / 19P
   Over-Temperature Protection
AAT1401 SKYWORKS-AAT1401 Datasheet
2Mb / 19P
   Over Temperature Protection
logo
AIMTEC
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ Datasheet
853Kb / 17P
   Over Temperature Protection
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ Datasheet
670Kb / 14P
   Over Temperature Protection
AMEPR60C-AZ AIMTEC-AMEPR60C-AZ Datasheet
826Kb / 14P
   Over Temperature Protection
logo
PEAK electronics GmbH
PPM1.65-SIP-3R3ELF PEAK-PPM1.65-SIP-3R3ELF Datasheet
457Kb / 3P
   Over Temperature Protection
logo
AIMTEC
AMEOR30-AZ AIMTEC-AMEOR30-AZ Datasheet
762Kb / 15P
   Over Temperature Protection
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
logo
Vishay Siliconix
PTCSC17 VISHAY-PTCSC17 Datasheet
90Kb / 4P
   Mini Chips for Over-Temperature Protection
Revision: 08-Dec-15
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com