Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC703200AW-8C99-H Datasheet(PDF) 4 Page - ON Semiconductor

Part # LC703200AW-8C99-H
Description  Speech Processing IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC703200AW-8C99-H Datasheet(HTML) 4 Page - ON Semiconductor

  LC703200AW-8C99-H Datasheet HTML 1Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 2Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 3Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 4Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 5Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 6Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 7Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 8Page - ON Semiconductor LC703200AW-8C99-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LC703200AW
No.A2234-4/20
Table.1A
Pin Assignment
Pin
No.
Pin Name
IO
Reset
Period
Standby
Period
Power
Supply
Function
1
XVSS
PS
-
-
GND
Oscillation circuit GND
2
XIN
DI
Oscillation circuit input
3
XOUT
DO
Oscillation circuit output
4
XVDD
PS
-
-
3.3V
Oscillation circuit 3.3V power supply
5
JTAG_TMS
DI
JTAG test mode select
6
JTAG_TDO
DO
JTAG test mode output
7
MODE1
DI
Mode setting pin 1
8
MODE0
DI
Mode setting pin 0
9
DVDD15
PS
-
-
1.5V
Digital 1.5V power supply
10
DVSS
PS
-
-
GND
Digital GND
11
DVDD33
PS
-
-
3.3V
I/O 3.3V power supply
12
GPIO17/TCLKA
DB
DI
=
GPIO17, Timer clock input
13
GPIO7/TMAIO0/PWM0
DB
DI
=
GPIO7, Timer 0A I/O, PWM0 output
14
GPIO8/TMBIO0/INTB2
DB
DI
=
GPIO8, Timer 0B I/O, Interrupt 2
15
GPIO9/TMAIO1/PWM1
DB
DI
=
GPIO9, Timer 1A I/O, PWM1output
16
GPIO10/TMBIO1/INTB3
DB
DI
=
GPIO10, Timer 1B I/O, Interrupt 3
17
GPIO11/TMAIO2/PWM2
DB
DI
=
GPIO11, Timer 2A I/O, PWM2 output
18
GPIO12/TMBIO2/INTB4
DB
DI
=
GPIO12, Timer 2B I/O, Interrupt 4
19
GPIO13/TMAIO3/PWM3
DB
DI
=
GPIO13, Timer 3A I/O, PWM3 output
20
GPIO14/TMBIO3/INTB5
DB
DI
=
GPIO14, Timer 3B I/O, Interrupt 5
21
GPIO15/TMAIO4/PWM4
DB
DI
=
GPIO15, Timer 4A I/O, PWM4 output
22
GPIO16/TMBIO4/INTB6
DB
DI
=
GPIO16, Timer 4B I/O, Interrupt 6
23
GPIO5/SI1/TMAIO5/PWM5
DB
DI
=
GPIO5, PCMIF1 SI, Timer5A I/O, PWM4 output
24
GPIO6/SO1/TMBIO5
DB
DI
=
GPIO6, PCMIF1 SO, Timer 5B I/O
25
TEST
DI
L
L
TEST pin (normally tied to low)
26
AVSS
PS
-
-
GND
Analog GND
27
AVDD
PS
-
-
3.3V
Analog 3.3V power supply
28
MIC0IN
AI
MIC input 0 (Lch)
29
MIC0COM
AI
MIC common input 0 (Lch)
30
MIC1COM
AI
MIC common input 1 (Rch)
31
MIC1IN
AI
MIC input 1 (Rch)
32
MICBIAS
AO
MIC BIAS output
33
AVSS
PS
-
-
GND
Analog GND
34
AVDD
PS
-
-
3.3V
Analog 3.3V power supply
35
VREF
AO
Analog reference voltage output
36
DAOUT0
AO
DAC output 0 (Lch)
37
DAOUT1
AO
DAC output 1 (Rch)
38
AVDD
PS
-
-
3.3V
Analog 3.3V power supply
39
AVSS
PS
-
-
GND
Analog GND
40
JTAG_TDI
DI
JTAG test data input
41
JTAG_TCK
DI
JTAG test clock
42
SCL
DB
DI
=
I2C SCL clock
43
SDA/SIO0_BUSY
DB
DI
=
I2C SDA data, SIO BUSY output
44
DVDD15
PS
-
-
1.5V
Digital 1.5V power supply
45
DVSS
PS
-
-
GND
Digital GND
46
DVDD33
PS
-
-
3.3V
I/O pin 3.3V power supply
47
INT0
DI
Interrupt 0
48
INTB1
DI
Interrupt 1
49
RESETB
DI
L
H
Reset input
50
PDNB
DI
-
L
Standby control input
51
SYSRDY
DO
L
L
System ready output
52
GPIO18/SIO0_SCK
DB
DI
=
GPIO18, SIO0 clock
53
GPIO19/SIO0_SI
DB
DI
=
GPIO19/SIO0 serial input
54
GPIO20/SIO0_SO
DB
DI
=
GPIO20/SIO0 serial output
55
GPIO0/LRCK0/SIO1_BUSY
DB
DI
=
GPIO0, PCMIF LRCK, SIO1 Busy output
56
GPIO1/BCK0/SIO1_SCK
DB
DI
=
GPIO1, PCMIF bit clock, SIO1 clock
57
GPIO2/SI0/SIO1_SI
DB
DI
=
GPIO2, PCMIF0 serial input, SIO1 serial input
58
GPIO3/SO0/SIO1_SO
DB
DI
=
GPIO3, PCMIF0 serial output, SIO1 serial output
59
GPIO4/ACLK
DB
DI
=
GPIO4, PCMIF master clock
60
DVDD15
PS
-
-
1.5V
Digital 1.5V power supply
61
DVSS
PS
-
-
GND
Digital GND
62
DVDD33
PS
-
-
3.3V
I/O 3.3V power supply
63
PLLAVDD
PS
-
-
1.5V
PLL 1.5V power supply
64
PDO
AO
PLL filter output
*) = means hold previous status.
*) TEST pins should be set to L level.


Similar Part No. - LC703200AW-8C99-H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC70 MICROSEMI-LC70 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC70 MICROSEMI-LC70 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC70 MICROSEMI-LC70 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC70 NJSEMI-LC70 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
LC700 ETC-LC700 Datasheet
196Kb / 10P
   Patient Care Unit Standard Laminate or Optional Terreon Lavatory Top
More results

Similar Description - LC703200AW-8C99-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
   Digital signal processing IC for speech and audio applications
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
   DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
   Digital signal processing IC for speech and audio applications
logo
New Japan Radio
NJM2105 NJRC-NJM2105 Datasheet
204Kb / 6P
   TELEPHONE SPEECH NETWORK IC
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
NXP Semiconductors
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
   Synchronizing signal processing IC
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
logo
NXP Semiconductors
PCF5083 PHILIPS-PCF5083 Datasheet
602Kb / 136P
   GSM signal processing IC
1996 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com