Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25S20MB Datasheet(PDF) 5 Page - ON Semiconductor

Part # LE25S20MB
Description  Serial Flash Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S20MB Datasheet(HTML) 5 Page - ON Semiconductor

  LE25S20MB Datasheet HTML 1Page - ON Semiconductor LE25S20MB Datasheet HTML 2Page - ON Semiconductor LE25S20MB Datasheet HTML 3Page - ON Semiconductor LE25S20MB Datasheet HTML 4Page - ON Semiconductor LE25S20MB Datasheet HTML 5Page - ON Semiconductor LE25S20MB Datasheet HTML 6Page - ON Semiconductor LE25S20MB Datasheet HTML 7Page - ON Semiconductor LE25S20MB Datasheet HTML 8Page - ON Semiconductor LE25S20MB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LE25S20MB
www.onsemi.com
5
Table 3 Command Settings
2M Bit
sector(64KB)
small sector
address space(A23 to A0)
3
63
03F000h
03FFFFh
to
48
030000h
030FFFh
2
47
02F000h
02FFFFh
to
32
020000h
020FFFh
1
31
01F000h
01FFFFh
to
16
010000h
010FFFh
0
15
00F000h
00FFFFh
to
2
002000h
002FFFh
1
001000h
001FFFh
0
000000h
000FFFh


Similar Part No. - LE25S20MB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25S20MB ONSEMI-LE25S20MB Datasheet
210Kb / 22P
   Serial Flash Memory 2 Mb
February 2017 - Rev. 0
LE25S20MB-AH ONSEMI-LE25S20MB-AH Datasheet
210Kb / 22P
   Serial Flash Memory 2 Mb
February 2017 - Rev. 0
LE25S20MB ONSEMI-LE25S20MB_17 Datasheet
210Kb / 22P
   Serial Flash Memory 2 Mb
February 2017 - Rev. 0
More results

Similar Description - LE25S20MB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25U20AFD ONSEMI-LE25U20AFD Datasheet
141Kb / 21P
   Serial Flash Memory
October 2014 - Rev. P0
LE25W81QE ONSEMI-LE25W81QE Datasheet
136Kb / 21P
   Serial Flash Memory
November 2014 - Rev. P0
LE25S40FD ONSEMI-LE25S40FD Datasheet
147Kb / 22P
   Serial Flash Memory
November 2014 - Rev. P0
LE25U40CMC ONSEMI-LE25U40CMC Datasheet
151Kb / 24P
   Serial Flash Memory
February 2016 - Rev. 1
LE25S20XA ONSEMI-LE25S20XA Datasheet
219Kb / 24P
   Serial Flash Memory
June 2016 - Rev. 0
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
182Kb / 21P
   Serial Flash Memory
October 2014 - Rev. 1
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25S81A ONSEMI-LE25S81A Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com