Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25S81A Datasheet(PDF) 4 Page - ON Semiconductor

Part # LE25S81A
Description  Serial Flash Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S81A Datasheet(HTML) 4 Page - ON Semiconductor

  LE25S81A Datasheet HTML 1Page - ON Semiconductor LE25S81A Datasheet HTML 2Page - ON Semiconductor LE25S81A Datasheet HTML 3Page - ON Semiconductor LE25S81A Datasheet HTML 4Page - ON Semiconductor LE25S81A Datasheet HTML 5Page - ON Semiconductor LE25S81A Datasheet HTML 6Page - ON Semiconductor LE25S81A Datasheet HTML 7Page - ON Semiconductor LE25S81A Datasheet HTML 8Page - ON Semiconductor LE25S81A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
LE25S81A
www.onsemi.com
4
Package Dimensions
unit : mm
LE25S81AFDTWG
VSOIC8 NB
CASE 753AA
ISSUE O
SEATING
PLANE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION SHALL
BE 0.10mm IN EXCESS OF MAXIMUM MATERIAL
CONDITION.
4. DIMENSION D DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS, OR GATE BURRS. MOLD FLASH,
PROTRUSIONS, OR GATE BURRS SHALL NOT
EXCEED 0.15mm PER SIDE. DIMENSION E DOES
NOT INCLUDE INTERLEAD FLASH OR
PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25mm PER
SIDE. DIMENSIONS D AND E ARE DETERMINED AT
DATUM F.
5. DATUMS A AND B ARE TO BE DETERMINED AT
DATUM F.
6. A1 IS DEFINED AS THE VERTICAL DISTANCE
FROM THE SEATING PLANE TO THE LOWEST
POINT ON THE PACKAGE BODY.
A
DIM
MIN
MAX
MILLIMETERS
A
0.65
0.85
b
0.31
0.51
e
1.27 BSC
A1
0.05
C
M
0.25
GENERIC
MARKING DIAGRAM*
*This information is generic. Please refer
to device data sheet for actual part
DIMENSION: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
L2
0.25 BSC
A
TOP VIEW
C
0.20
A-B D
C
0.10
NOTE 5
C
0.10
b
8X
B
C
8X
SIDE VIEW
END VIEW
DETAIL A
7.00
8X
1.52
8X
0.60
1.27
PITCH
RECOMMENDED
1
L
F
SEATING
PLANE
DETAIL A
D
L2
A1
C
NOTE 6
1
4
5
8
C
0.10
A-B
NOTE 5
e
c
0.17
0.25
L
0.40
1.27
XXXXX = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
= Pb-Free Package
XXXXXXXXX
ALYWX
1
8
2X
NOTE 4
2X 4 TIPS
C
0.10
2X
NOTE 4
D
4.90 BSC
E
6.00 BSC
E1
3.90 BSC
E
E1
D
D
(Note: Microdot may be in either location)


Similar Part No. - LE25S81A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25S81FDTWG ONSEMI-LE25S81FDTWG Datasheet
161Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
April, 2014
LE25S81MC ONSEMI-LE25S81MC Datasheet
173Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
LE25S81MCTWG ONSEMI-LE25S81MCTWG Datasheet
173Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
LE25S81QETXG ONSEMI-LE25S81QETXG Datasheet
150Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
More results

Similar Description - LE25S81A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20MB ONSEMI-LE25S20MB Datasheet
141Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25U20AFD ONSEMI-LE25U20AFD Datasheet
141Kb / 21P
   Serial Flash Memory
October 2014 - Rev. P0
LE25W81QE ONSEMI-LE25W81QE Datasheet
136Kb / 21P
   Serial Flash Memory
November 2014 - Rev. P0
LE25S40FD ONSEMI-LE25S40FD Datasheet
147Kb / 22P
   Serial Flash Memory
November 2014 - Rev. P0
LE25U40CMC ONSEMI-LE25U40CMC Datasheet
151Kb / 24P
   Serial Flash Memory
February 2016 - Rev. 1
LE25S20XA ONSEMI-LE25S20XA Datasheet
219Kb / 24P
   Serial Flash Memory
June 2016 - Rev. 0
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
182Kb / 21P
   Serial Flash Memory
October 2014 - Rev. 1
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com