Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25S81AMDTWG Datasheet(PDF) 2 Page - ON Semiconductor

Part # LE25S81AMDTWG
Description  Serial Flash Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S81AMDTWG Datasheet(HTML) 2 Page - ON Semiconductor

  LE25S81AMDTWG Datasheet HTML 1Page - ON Semiconductor LE25S81AMDTWG Datasheet HTML 2Page - ON Semiconductor LE25S81AMDTWG Datasheet HTML 3Page - ON Semiconductor LE25S81AMDTWG Datasheet HTML 4Page - ON Semiconductor LE25S81AMDTWG Datasheet HTML 5Page - ON Semiconductor LE25S81AMDTWG Datasheet HTML 6Page - ON Semiconductor LE25S81AMDTWG Datasheet HTML 7Page - ON Semiconductor LE25S81AMDTWG Datasheet HTML 8Page - ON Semiconductor LE25S81AMDTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
LE25S81A
www.onsemi.com
2
3.
Package Types and Pin Configurations
Pad No.
Name
1
CS
2
SO (SIO1)
3
WP
4
VSS
5
SI (SIO0)
6
SCK
7
HOLD
8
VDD
2
1
3
4
6
5
7
8
KGD
Top view
CS
SO (SIO1)
WP
VSS
VDD
HOLD
SCK
SI (SIO0)
1
2
3
4
8
7
6
5
SOIC8
(LE25S81AMD)
VSOIC8 NB (LE25S81AFD)


Similar Part No. - LE25S81AMDTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25S81FDTWG ONSEMI-LE25S81FDTWG Datasheet
161Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
April, 2014
LE25S81MC ONSEMI-LE25S81MC Datasheet
173Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
LE25S81MCTWG ONSEMI-LE25S81MCTWG Datasheet
173Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
LE25S81QETXG ONSEMI-LE25S81QETXG Datasheet
150Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
More results

Similar Description - LE25S81AMDTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20MB ONSEMI-LE25S20MB Datasheet
141Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25U20AFD ONSEMI-LE25U20AFD Datasheet
141Kb / 21P
   Serial Flash Memory
October 2014 - Rev. P0
LE25W81QE ONSEMI-LE25W81QE Datasheet
136Kb / 21P
   Serial Flash Memory
November 2014 - Rev. P0
LE25S40FD ONSEMI-LE25S40FD Datasheet
147Kb / 22P
   Serial Flash Memory
November 2014 - Rev. P0
LE25U40CMC ONSEMI-LE25U40CMC Datasheet
151Kb / 24P
   Serial Flash Memory
February 2016 - Rev. 1
LE25S20XA ONSEMI-LE25S20XA Datasheet
219Kb / 24P
   Serial Flash Memory
June 2016 - Rev. 0
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
182Kb / 21P
   Serial Flash Memory
October 2014 - Rev. 1
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com