Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25U40CMD Datasheet(PDF) 1 Page - ON Semiconductor

Part # LE25U40CMD
Description  Serial Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25U40CMD Datasheet(HTML) 1 Page - ON Semiconductor

  LE25U40CMD Datasheet HTML 1Page - ON Semiconductor LE25U40CMD Datasheet HTML 2Page - ON Semiconductor LE25U40CMD Datasheet HTML 3Page - ON Semiconductor LE25U40CMD Datasheet HTML 4Page - ON Semiconductor LE25U40CMD Datasheet HTML 5Page - ON Semiconductor LE25U40CMD Datasheet HTML 6Page - ON Semiconductor LE25U40CMD Datasheet HTML 7Page - ON Semiconductor LE25U40CMD Datasheet HTML 8Page - ON Semiconductor LE25U40CMD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
Publication Order Number :
LE25U40CMD/D
©
Semiconductor Components Industries, LLC, 2015
February 2015 - Rev. 1
ORDERING INFORMATION
See detailed ordering and shipping information on page 23 of this data sheet.
www.onsemi.com
LE25U40CMD
Overview
The LE25U40CMD is a SPI bus flash memory device with a 4M bit (512K
8-bit) configuration that adds a high performance Dual output and Dual I/O
function. It uses a single 2.5V power supply. While making the most of the
features inherent to a serial flash memory device, the LE25U40CMD is
housed in an 8-pin ultra-miniature package. All these features make this
device ideally suited to storing program in applications such as portable
information devices, which are required to have increasingly more compact
dimensions. The LE25U40CMD also has a small sector erase capability
which makes the device ideal for storing parameters or data that have fewer
rewrite cycles and conventional EEPROMs cannot handle due to insufficient
capacity.
Features
 Read/write operations enabled by single 2.5V power supply : 2.3 to 3.6V supply voltage range
 Operating frequency
: 40MHz
 Temperature range
:
40 to 85C
 Serial interface
: SPI mode 0, mode 3 supported / Dual Output, Dual I/O supported
 Sector size
: 4K bytes/small sector, 64K bytes/sector
 Small sector erase, sector erase, chip erase functions
 Page program function (256 bytes / page)
 Block protect function
 Highly reliable read/write
Number of rewrite times : 100,000 times
Small sector erase time : 40ms (typ), 150ms (max)
Sector erase time
: 80ms (typ), 250ms (max)
Chip erase time
: 250ms (typ), 2.0s (max)
Page program time
: 4.0ms/256 bytes (typ), 5.0ms/256 bytes (max)
 Status functions
: Ready/busy information, protect information
 Data retention period
: 20 years
 Package
: SOIC8 (150mil)
CMOS LSI
4M-bit (512K x 8)
Serial Flash Memory
* This product is licensed from Silicon Storage Technology, Inc. (USA).
SOIC 8, 150mils


Similar Part No. - LE25U40CMD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25U40CMC SANYO-LE25U40CMC Datasheet
180Kb / 23P
   4M-bit (512K횞8) Serial Flash Memory
logo
ON Semiconductor
LE25U40CMC ONSEMI-LE25U40CMC Datasheet
151Kb / 24P
   Serial Flash Memory
February 2016 - Rev. 1
More results

Similar Description - LE25U40CMD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20MB ONSEMI-LE25S20MB Datasheet
141Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25U20AFD ONSEMI-LE25U20AFD Datasheet
141Kb / 21P
   Serial Flash Memory
October 2014 - Rev. P0
LE25W81QE ONSEMI-LE25W81QE Datasheet
136Kb / 21P
   Serial Flash Memory
November 2014 - Rev. P0
LE25S40FD ONSEMI-LE25S40FD Datasheet
147Kb / 22P
   Serial Flash Memory
November 2014 - Rev. P0
LE25U40CMC ONSEMI-LE25U40CMC Datasheet
151Kb / 24P
   Serial Flash Memory
February 2016 - Rev. 1
LE25S20XA ONSEMI-LE25S20XA Datasheet
219Kb / 24P
   Serial Flash Memory
June 2016 - Rev. 0
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
182Kb / 21P
   Serial Flash Memory
October 2014 - Rev. 1
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
   Serial Flash Memory
October 2014 - Rev. P0
LE25S81A ONSEMI-LE25S81A Datasheet
752Kb / 51P
   Serial Flash Memory
September 2015 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com