Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP80-ZZAE070VG Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP80-ZZAE070VG
Description  LED Lighting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP80-ZZAE070VG Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP80-ZZAE070VG Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
For LED Outdoor & Industrial Application Suitable to Dry,
Damp, Wet Location
FEATURES
For LED Outdoor & Industrial Application
Wide Input Range for Worldwide use (up to 305Vac)
Built-in PFC Function: up to PF 0.99
IP67 Design for Outdoor Installation
Suitable to Dry, Damp, Wet Location
High Surge Protection: 4kV/4kV(IEC 61000-4-5)
1-10V Dimming Function
High Reliability & Long Life 50,000hrs
C onstant C urrent Design/ Low Ripple C urrent
C lass I Power
All-Round Protections: Short C ircuit/ Over Voltage/ Over
Temperature Protection
Safety: Meet IEC 61347-2-13, UL8750 & EMI EN55015
PRODUCT HIGHLIGHT
Output Voltage/Current
:
80-115V/700mA
Dimming:
1-10V
SPECIFICATION
Model Name
FSP80-ZZAE(070)VG
Wattage
80W
Case
Metal
IP Lev el
IP67
Dimming
1-10V
Input Electrical
Specification
Input Voltage
100~277 Vac
Input Frequency 47~63 Hz
PFC
PF0.99/120Vac, PF0.95/230Vac, PF0.93/277Vac at full load
Input C urrent
0.86A /120Vac ; 0.49A /230Vac ; 0.48A /277Vac
Inrush C urrent
60A at 230Vac, 25°C cold start
Constant Current
/ Constant
Voltage
C onstant C urrent
Output Voltage
and Current
Rating
Output1
80-115 V , 700 mA
Output Electrical
Specification
Efficiency
91 %
Life
50,000 hours at Tcase of ≤ 75°C
Protection
Function
OVP,OPP, OTP
Env ironmental
Requirement
TEMP. Range
Operating : -40to +70
Storage : -40to +85
Humidity
Operating: 10% to 95% RH, Non-condensing
Storage: 10% to 95% RH, Non-condensing
EMC performance EN55015
C lass B C onducted, C lass B radiated
EN61000-3-2
C lass C
EN61000-4-5
Differential Mode: 4KV; C ommon Mode: 4KV
Dimension
195mm(L) x 60.5mm(W)x 38mm(H)
PROTECTION FUNCTIONS
OVP,OPP, OTP
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
LED Lighting
FSP80-ZZAE(070)VG


Similar Part No. - FSP80-ZZAE070VG

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP80-ZZAE105VG FSP-FSP80-ZZAE105VG Datasheet
124Kb / 1P
   LED Lighting
FSP80-ZZAE140VG FSP-FSP80-ZZAE140VG Datasheet
124Kb / 1P
   LED Lighting
FSP80-ZZAE210VG FSP-FSP80-ZZAE210VG Datasheet
124Kb / 1P
   LED Lighting
FSP80-ZZAE280VG FSP-FSP80-ZZAE280VG Datasheet
124Kb / 1P
   LED Lighting
More results

Similar Description - FSP80-ZZAE070VG

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
   LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
   LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
   LED Lighting
FSP100-NZMCH-1400 FSP-FSP100-NZMCH-1400 Datasheet
122Kb / 1P
   LED Lighting
FSP100-NZMCH-2100 FSP-FSP100-NZMCH-2100 Datasheet
122Kb / 1P
   LED Lighting
FSP100-NZMCH-2800 FSP-FSP100-NZMCH-2800 Datasheet
122Kb / 1P
   LED Lighting
FSP120-NZKCH-2500 FSP-FSP120-NZKCH-2500 Datasheet
122Kb / 1P
   LED Lighting
FSP120-NZKCH-2800 FSP-FSP120-NZKCH-2800 Datasheet
122Kb / 1P
   LED Lighting
FSP120-NZKVH-24 FSP-FSP120-NZKVH-24 Datasheet
122Kb / 1P
   LED Lighting
FSP120-NZKVH-36 FSP-FSP120-NZKVH-36 Datasheet
123Kb / 1P
   LED Lighting
FSP250-1FUA-12 FSP-FSP250-1FUA-12 Datasheet
137Kb / 1P
   LED Lighting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com