Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM321 Datasheet(PDF) 7 Page - ON Semiconductor

Part # LM321
Description  Single Channel Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM321 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LM321 Datasheet HTML 2Page - ON Semiconductor LM321 Datasheet HTML 3Page - ON Semiconductor LM321 Datasheet HTML 4Page - ON Semiconductor LM321 Datasheet HTML 5Page - ON Semiconductor LM321 Datasheet HTML 6Page - ON Semiconductor LM321 Datasheet HTML 7Page - ON Semiconductor LM321 Datasheet HTML 8Page - ON Semiconductor LM321 Datasheet HTML 9Page - ON Semiconductor LM321 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LM321
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 13. High Level Output Voltage Swing vs.
Output Current at 3 V Supply
Figure 14. Low Level Output Voltage Swing vs.
Output Current at 3 V Supply
Figure 15. High Level Output Voltage Swing vs.
Output Current at 5 V Supply
Figure 16. Low Level Output Voltage Swing vs.
Output Current at 5 V Supply
Figure 17. High Level Output Voltage Swing vs.
Output Current at 32 V Supply
Figure 18. Low Level Output Voltage Swing vs.
Output Current at 5 V Supply32
Output Source Current (mA)
0
0
5
10
15
20
25
30
0.5
1.0
1.5
2.0
2.5
3.0
T= −40
°C
T= 25
°C
T= 85
°C
VS = 3 V
Output Sink Current (mA)
0
0
5
10
15
20
200
400
600
800
1000
1200
T= −40
°C
T= 25
°C
T= 85
°C
VS = 3 V
1400
Output Source Current (mA)
0
0
5
10
30
15
25
20
0.5
1.0
1.5
2.0
2.5
3.0
T= −40
°C
T= 25
°C
T= 85
°C
VS = 5 V
3.5
4.0
4.5
5.0
Output Sink Current (mA)
0
0
5
10
15
20
200
400
600
800
1000
1200
T= −40
°C
T= 25
°C
T= 85
°C
VS = 5 V
1400
1600
1800
Output Source Current (mA)
0
0
5
10
30
15
25
20
0.5
1.0
1.5
2.0
2.5
3.0
T= −40
°C
T= 25
°C
T= 85
°C
VS = 32 V
3.5
4.0
4.5
5.0
Output Sink Current (mA)
0
03
9
30
15
21
18
1
2
3
4
5
6
T= −40
°C
T= 25
°C
T= 85
°C
VS = 32 V
7
8
612
24
27


Similar Part No. - LM321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
   Low Power Single Op Amp
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
227Kb / 7P
   LOW POWER SINGLE OP AMP
logo
Seoul Semiconductor
LM321 SEOUL-LM321 Datasheet
376Kb / 14P
   INFRARED LAMP LED
logo
3PEAK INC.
LM321 3PEAK-LM321 Datasheet
747Kb / 16P
   1.2MHz, Low-Power 36V Op Amps
Rev. B.01
logo
Seoul Semiconductor
LM321 SEOUL-LM321 Datasheet
360Kb / 13P
   CYAN LAMP LED
More results

Similar Description - LM321

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
   Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com