Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4558 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4558
Description  108dB 216kHz 32Bit CODEC with PLL
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4558 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4558 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4558 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4558 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4558 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4558 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4558 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4558 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4558 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4558 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
[AK4558]
[AK4558]
015004500-E-02
2015/09
- 1 -
1. General Description
The AK4558 is a low voltage 32bit 216kHz CODEC for high performance battery powered digital audio
subsystems. An internal circuit includes newly developed 32-bit Digital Filter achieving short group delay
and high quality sound.
In addition, “OSR-Doubler” technology is newly adopted, making the AK4558
capable of supporting wide range signals and achieving low out-of-band noise while realizing low power
consumption. The AK4558 is ideal for a wide range of applications that demands high sound quality
including Electronic musical instruments and Audio Interfaces. The analog inputs and outputs are
single-ended to minimize pin count and external filtering requirements. The AK4558 is housed in a very
small 28-pin QFN. It is ideal for space-sensitive applications.
2. Features
 Single-ended ADC
- Dynamic Range, S/N: 108dB@AVDD=3.3V
- S/(N+D):
92dB@AVDD=3.3V
- Selectable HPF for DC-offset cancel (fc = 1Hz @ fs=48kHz)
- 4-types Digital Filter for High Sound Quality
 Single-ended DAC
- Dynamic Range, S/N: 108dB@AVDD=3.3V
- S/(N+D):
100dB@AVDD=3.3V
- Digital de-emphasis for 32kHz, 44.1kHz and 48kHz sampling
- 5-types Digital Filter for High Sound Quality
- Channel Independent Digital Attenuator (256 levels, 0.5dB steps)
Audio I/F format: MSB First, 2’s Complement
- ADC: 24/32bit MSB justified , 24/32bit I
2S compatible or TDM
- DAC: 24/32bit MSB justified, 16/20/24/32bit LSB justified,
24/32bit I
2S compatible or TDM
 Input/Output Voltage: ADC = 2.64Vpp @ AVDD=3.3V
DAC = 2.51Vpp @ AVDD=3.3V
 Master/Slave mode
P I/F: I2C Bus
 Sampling Rate:
(1) PLL Mode
• PLL Slave Mode (LRCK pin): fs = 8kHz
 216kHz
• PLL Slave Mode (BICK pin): fs = 8kHz
 216kHz
• PLL Master Mode: 8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz,
48kHz, 54kHz, 88.2kHz, 96kHz, 128kHz, 176.4kHz, 192kHz
(2) External Clock Mode
• Normal Speed: 8kHz to 54kHz
(256fs or 512fs)
8kHz to 48kHz
(384fs or 768fs)
• Double Speed: 54kHz to 108kHz
(256fs)
48kHz to 96kHz
(384fs)
• Quad Speed: 108kHz to 216kHz
(128fs)
96kHz to 192kHz
(192fs)
108dB 216kHz 32Bit
 CODEC with PLL
AK4558


Similar Part No. - AK4558

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4558EN AKM-AK4558EN Datasheet
2Mb / 94P
   108dB 216kHz 32Bit CODEC with PLL
More results

Similar Description - AK4558

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4558EN AKM-AK4558EN Datasheet
2Mb / 94P
   108dB 216kHz 32Bit CODEC with PLL
AK4438VN AKM-AK4438VN Datasheet
1Mb / 63P
   108dB 768kHz 32bit 8-Channel Audio DAC
AK4436VN AKM-AK4436VN Datasheet
1Mb / 63P
   108dB 768kHz 32bit 8-Channel Audio DAC
AK4432VT AKM-AK4432VT Datasheet
1Mb / 50P
   108dB 192kHz 32bit 2-Channel Audio DAC
AK4436 AKM-AK4436 Datasheet
1Mb / 63P
   108dB 768kHz 32bit 6-Channel Audio DAC
AK4438 AKM-AK4438 Datasheet
1Mb / 63P
   108dB 768kHz 32bit 8-Channel Audio DAC
AK4432 AKM-AK4432 Datasheet
1Mb / 50P
   108dB 192kHz 32bit 2-Channel Audio DAC
AK4954AEN AKM-AK4954AEN Datasheet
569Kb / 26P
   32bit Stereo CODEC with MIC/HP/SPK-AMP
logo
Analog Devices
ADAU1361 AD-ADAU1361_17 Datasheet
667Kb / 81P
   Audio Codec with Integrated PLL
ADAU1961 AD-ADAU1961_17 Datasheet
929Kb / 77P
   Audio Codec with Integrated PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com