Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4649VN Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4649VN
Description  24bit Stereo CODEC with MIC/SPK-AMP
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4649VN Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4649VN Datasheet HTML 4Page - Asahi Kasei Microsystems AK4649VN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4649VN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4649VN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4649VN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4649VN Datasheet HTML 9Page - Asahi Kasei Microsystems AK4649VN Datasheet HTML 10Page - Asahi Kasei Microsystems AK4649VN Datasheet HTML 11Page - Asahi Kasei Microsystems AK4649VN Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
[AK4649VN]
MS1506-E-00
2013/01
- 8 -
Parameter
min
typ
max
Unit
Mono Input: MIN pin, External Resistance mode (BPM bit = “0”), External Input Resistance=33k
Ω
Maximum Input Voltage (Note 14)
-
2.31
-
Vpp
Gain (Note 15)
MIN
LOUT/ROUT
LOVL1-0 bit = “00”
-4.5
0
+4.5
dB
LOVL1-0 bit = “01”
-
+2
-
dB
LOVL1-0 bit = “10”
-
+4
-
dB
LOVL1-0 bit = “11”
-
+6
-
dB
MIN
SPP/SPN
ALC bit = “0”, SPKG1-0 bits = “00”
-1.2
+3.3
+7.8
dB
ALC bit = “0”, SPKG1-0 bits = “01”
-
+5.3
-
dB
ALC bit = “0”, SPKG1-0 bits = “10”
-
+7.3
-
dB
ALC bit = “0”, SPKG1-0 bits = “11”
-
+9.3
-
dB
ALC bit = “1”, SPKG1-0 bits = “00”
-
+5.3
-
dB
ALC bit = “1”, SPKG1-0 bits = “01”
-
+7.3
-
dB
ALC bit = “1”, SPKG1-0 bits = “10”
-
+9.3
-
dB
ALC bit = “1”, SPKG1-0 bits = “11”
-
+11.3
-
dB
Mono Input: MIN pin, Internal Resistance Mode (BPM bit = “1”)
Input Resistance
23
33
43
k
Ω
Maximum Input Voltage (Note 16)
-
2.31
-
Vpp
Gain
MIN
LOUT/ROUT
LOVL1-0 bit = “00”
-1
0
+1
dB
LOVL1-0 bit = “01”
-
+2
-
dB
LOVL1-0 bit = “10”
-
+4
-
dB
LOVL1-0 bit = “11”
-
+6
-
dB
MIN
SPP/SPN
ALC bit = “0”, SPKG1-0 bits = “00”
+1.3
+3.3
+5.3
dB
ALC bit = “0”, SPKG1-0 bits = “01”
-
+5.3
-
dB
ALC bit = “0”, SPKG1-0 bits = “10”
-
+7.3
-
dB
ALC bit = “0”, SPKG1-0 bits = “11”
-
+9.3
-
dB
ALC bit = “1”, SPKG1-0 bits = “00”
-
+5.3
-
dB
ALC bit = “1”, SPKG1-0 bits = “01”
-
+7.3
-
dB
ALC bit = “1”, SPKG1-0 bits = “10”
-
+9.3
-
dB
ALC bit = “1”, SPKG1-0 bits = “11”
-
+11.3
-
dB
Note 14. The Maximum input voltage is in proportion to both AVDD and external input resistance (Rin). Vin = 0.7 x
AVDD x Rin / 33k
Ω (typ).
Note 15. The gain is in inverse proportion to external input resistance.
Note 16. The Maximum input voltage is in proportion to AVDD. Vin = 0.7 x AVDD (typ) @ BPLVL = 0dB.


Similar Part No. - AK4649VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649ECB AKM-AK4649ECB Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
More results

Similar Description - AK4649VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951 AKM-AK4951 Datasheet
2Mb / 111P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953A AKM-AK4953A Datasheet
940Kb / 96P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4958EG AKM-AK4958EG Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
AK4958ECB AKM-AK4958ECB Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com