Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK9231 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK9231
Description  Dual 12-Bit 1MSPS SAR A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9231 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK9231 Datasheet HTML 3Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 4Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 5Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 6Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 7Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 8Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 9Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 10Page - Asahi Kasei Microsystems AK9231 Datasheet HTML 11Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
[AK9231]
014010771-E-00
2014/12
- 7 -
8.
DC Characteristics
(Ta= -40 ~ 105ºC)
Parameter
Symbol
Min.
Max.
Unit
High-Level Input Voltage
VDD= 2.35 ~ 3.6V
VDD= 4.75 ~ 5.25V
VIH1
VIH2
1.8
2.4
-
-
V
V
Low-Level Input Voltage
VDD= 5V
VDD= 3V
VIL1
VIL2
-
-
0.8
0.4
V
V
High-Level Output Voltage (Iout = -200µA)
VOH
VDD-0.2
-
V
Low-Level Output Voltage (Iout = 200µA)
VOL
-
0.4
V
Load Capacitance
CL
30
pF
Input Leakage Current
(* 3)
Iin
-
±1
µA
Note:
* 3. Except TEST0, TEST1, TEST2 and TEST3 pins. These pins are internally pulled-down. (Typ.50k
Ω)
9.
Switching Characteristics
(Ta= -40 ~ 105ºC)
Parameter
Symbol
Min.
Typ.
Max.
Unit
SCK Clock Frequency
fSCK
20
MHz
SCK High Pulse Width
(* 4)
tSCKH
0.4 x tSCK
-
nsec
SCK Low Pulse Width
(* 4)
tSCKL
0.4 x tSCK
-
nsec
Minimum time from bus 3-state to start of next conversion
tq
40
nsec
CSN
“↓” to First SCK “↓”
tCSS
10
-
nsec
CSN
“↓” to DOUT “0” Delay
tCSD
-
25
nsec
SCK
“↓” to DOUT Valid Delay
tDCD
-
30
nsec
SCK
“↓” to DOUT Valid
Hold time
VDD= 3V
VDD= 5V
tDCH1
tDCH2
7
5.5
-
-
nsec
nsec
Minimum CS pulse
tCS
25
nsec
16th SCK
“↓” to SDO Hi-Z State
VDD= 3V
VDD= 5V
tCCZ1
tCCZ2
-
-
30
20
nsec
nsec
Note:
* 4. tSCK = 1/ fSCK
9.1. Timing Diagram
10 11
CSN
SCK
SDO
2 3 4 5 6 7 8 9
12 13 14 15 16
1
D11
D0
1/ throughput
Hi-Z
0
tq
tCS
Figure 2. Data Output Timing 1


Similar Part No. - AK9231

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9232 AKM-AK9232 Datasheet
154Kb / 2P
   Dual 18/16/14-Bit 1.1MSPS ZDS A/D Converter
AK9233 AKM-AK9233 Datasheet
154Kb / 2P
   Dual 18/16/14-Bit 1.1MSPS ZDS A/D Converter
AK9234 AKM-AK9234 Datasheet
154Kb / 2P
   Dual 18/16/14-Bit 1.1MSPS ZDS A/D Converter
More results

Similar Description - AK9231

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Asahi Kasei Microsystem...
AK9240 AKM-AK9240 Datasheet
190Kb / 3P
   AFE with Dual 12-Bit 1MSPS SAR ADC
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com