Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1158ADS Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AP1158ADS
Description  Active Noise Filter IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1158ADS Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP1158ADS Datasheet HTML 3Page - Asahi Kasei Microsystems AP1158ADS Datasheet HTML 4Page - Asahi Kasei Microsystems AP1158ADS Datasheet HTML 5Page - Asahi Kasei Microsystems AP1158ADS Datasheet HTML 6Page - Asahi Kasei Microsystems AP1158ADS Datasheet HTML 7Page - Asahi Kasei Microsystems AP1158ADS Datasheet HTML 8Page - Asahi Kasei Microsystems AP1158ADS Datasheet HTML 9Page - Asahi Kasei Microsystems AP1158ADS Datasheet HTML 10Page - Asahi Kasei Microsystems AP1158ADS Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
[AP1158ADS]
015006896-E-00
- 7 -
2015/05
■Electrical Characteristics of Ta=-40
C ~85C
The parameters with min or max values will be guaranteed at Ta=Tj=-40 ~ 85C.
(Vin=2.5V, Vcont=2V, Rfil=390kΩ, Cin=1μF, Cfil=4.7μF, Cout=1μF, unless otherwise specified.)
Parameter
Symbol
Condition
min
typ
max
Unit
Quiescent Current
Iin
Iout = 0mA
-
65
120
μA
Standby Current
Istandby
Vin = 8V, Vcont = 0V
-
0.1
500
nA
Output Current
Iout
-
360
-
mA
Maximum Output Current
(Note 6) (Note 9)
IoutMAX
Vout = Vouttyp0.9
-
-
150
mA
Load Regulation
LoaReg
Iout = 1 ~ 100mA
-
6
55
mV
Reverse Bias Current
Irev
Vin = 0V, Vcont=0V, Vout=8V
-
0.1
2000
nA
FIL terminal Sink current
Isink
FIL terminal voltage = Vin - 0.3V
0.4
0.6
0.84
μA
Error Amp
Input Offset Voltage
Verror
Iout = 30mA
-30
40
110
mV
Control Terminal
Control Terminal Current
Icont
Vcont = 2.0V
-
4.5
10.0
μA
Control Terminal Voltage
Vcont
Vout ON state
1.8
-
-
V
Vout OFF state
-
-
0.4
V
Ripple Rejection
(Note 7)
R.R.
Vin = 2.5V, Rfil = 390kΩ
Iout = 30mA, Cfil = 4.7μF
Ripple Noise=200mVp-p(@1kHz)
40
66
-
dB
Output Noise
(Note 8)(Note 9)
-
at 1kHz (Reference value)
-
60
-
nV/
√Hz
Note 6. The maximum output current is limited by power dissipation.
Note 7. Ripple rejection is dependent on the characteristics of the input and output voltage difference and the
capacitor, which is set by the resistance. Consider the variation of the variation and the capacitance value of
the resistance value. Value of Rfil and Cfil, please change according to the conditions required by the set. The
above value is an example of the measurement.
Note 8. This is the output noise without ripple noise. The IC itself generates the noise because it is
semiconductor integrated circuit.
Note 9. Items of typical value only show reference values.


Similar Part No. - AP1158ADS

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1158 AKM-AP1158 Datasheet
737Kb / 25P
   Active Noise Filter IC
More results

Similar Description - AP1158ADS

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1158 AKM-AP1158 Datasheet
737Kb / 25P
   Active Noise Filter IC
logo
Panasonic Semiconductor
AN8031 PANASONIC-AN8031 Datasheet
205Kb / 21P
   Active filter control IC
AN8032 PANASONIC-AN8032 Datasheet
206Kb / 21P
   Active filter control IC
logo
Linear Technology
LTC1562-2 LINER-LTC1562-2 Datasheet
179Kb / 16P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
logo
Linear Dimensions Semic...
LT1568CGNPBF LINEAR_DIMENSIONS-LT1568CGNPBF Datasheet
282Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Technology
LT1568 LINER-LT1568 Datasheet
271Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
LTC1562 LINER-LTC1562_15 Datasheet
351Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562-2 LINER-LTC1562-2_15 Datasheet
239Kb / 16P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
logo
Linear Integrated Syste...
LTC1562CN LINEAR-LTC1562CN Datasheet
319Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
logo
Linear Technology
LT1568 LINER-LT1568_15 Datasheet
282Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com