Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS129-330M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCS129-330M-RC
Description  Power Chip Shielded Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS129-330M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCS129-330M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductor
PCS129
Features
• High power inductors
• Directly connected electrode on
• Highly accurate dimensions
Electrical
Inductance Range: 1.0
µh to 10,000µh.
Tolerance:
±20% over the entire
inductance range.
Test Frequency: 1.0µh to 8.2µh @ 100KHz,
0.25V 10µh to 1000µh @ 1KHz, 0.25V.
Operating Temp.Range: i-40
°C to +125ºC
IDC: The DC current at
i
t0 to 2000) x 10 -6
°C.
Physical
Marking: EIA Inductance Code
Packaging: 300 pieces per 13 inch reel.
All specifications subject to change without notice.
Allied
Part
Number
PCS129-1R0M-RC
PCS129-1R5M-RC
PCS129-2R4M-RC
PCS129-3R3M-RC
PCS129-3R5M-RC
PCS129-6R8M-RC
PCS129-8R2M-RC
PCS129-100M-RC
PCS129-120M-RC
PCS129-150M-RC
PCS129-180M-RC
PCS129-220M-RC
PCS129-270M-RC
PCS129-330M-RC
PCS129-390M-RC
PCS129-470M-RC
PCS129-560M-RC
PCS129-680M-RC
PCS129-820M-RC
PCS129-101M-RC
PCS129-151M-RC
PCS129-181M-RC
PCS129-221M-RC
PCS129-271M-RC
PCS129-391M-RC
Tolerance
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
17.00
16.00
15.00
14.00
14.00
10.00
8.20
7.50
7.00
6.00
5.50
5.00
4.50
4.00
3.80
3.50
3.20
3.00
2.60
2.20
1.80
1.50
1.30
1.10
IDC
Max.
Inductance
(
µh)
1.0
1.5
2.4
3.3
3.5
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
150
180
220
270
390
DCR
(Ω)
Max
0.007
0.005
0.006
0.009
0.009
0.013
0.015
0.018
0.019
0.024
0.031
0.039
0.045
0.050
0.059
0.069
0.079
0.088
0.110
0.140
0.200
0.270
0.300
0.400
0.550
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
Dimensions:
Inches
(mm)
PCS129-331M-RC
20
1.20
330
0.450
• Magnetically Shielded
ferrite core
10/08/2015
PCS129-471M-RC
20
1.00
470
0.600
PCS129-561M-RC
20
0.90
560
0.700
PCS129-821M-RC
20
0.80
820
1.060
PCS129-102M-RC
20
0.76
1000
1.270
PCS129-121M-RC
20
2.00
120
0.160
PCS129-681M-RC
20
0.82
680
0.840
(%)
1.60
10.0
(.394)
MAX.
5.0
(.197)
REF.
7.6
(.30)
1R0
12.0 ± 0.3
(.472 ± .012)
12.0 ± 0.3
(.472 ± .012)
INDUCTANCE
CODE
which the inductance drops by no more than
25% of its initial value or when the temperature
rises by 40ºC whichever is lower.
for surface mounting.
(A)


Similar Part No. - PCS129-330M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS124 ALLIED-PCS124 Datasheet
347Kb / 1P
   Power Chip Shielded Inducto r s
PCS124-100M-RC ALLIED-PCS124-100M-RC Datasheet
347Kb / 1P
   Power Chip Shielded Inducto r s
PCS124-100M-RC ALLIED-PCS124-100M-RC Datasheet
347Kb / 1P
   Power Chip Shielded Inducto r s
PCS124-101M-RC ALLIED-PCS124-101M-RC Datasheet
347Kb / 1P
   Power Chip Shielded Inducto r s
PCS124-101M-RC ALLIED-PCS124-101M-RC Datasheet
347Kb / 1P
   Power Chip Shielded Inducto r s
More results

Similar Description - PCS129-330M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS8D43 ALLIED-PCS8D43 Datasheet
452Kb / 1P
   Shielded Power Chip Inductor
PCS6D38-AU ALLIED-PCS6D38-AU Datasheet
4Mb / 1P
   Power Chip Shielded Inductor
PCS8D28 ALLIED-PCS8D28 Datasheet
452Kb / 1P
   Shielded Power Chip Inductor
PCS8D43-R68N-RC ALLIED-PCS8D43-R68N-RC Datasheet
452Kb / 1P
   Shielded Power Chip Inductor
PCSD054 ALLIED-PCSD054 Datasheet
514Kb / 1P
   Shielded Power Chip Inductor
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV35-1R0M-RC ALLIED-PCSV35-1R0M-RC Datasheet
339Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV60-2R2M-RC ALLIED-PCSV60-2R2M-RC Datasheet
480Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV52 ALLIED-PCSV52 Datasheet
378Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com