Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR218-6FP Datasheet(PDF) 4 Page - ON Semiconductor

Part # MCR218-6FP
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR218-6FP Datasheet(HTML) 4 Page - ON Semiconductor

  MCR218-6FP Datasheet HTML 1Page - ON Semiconductor MCR218-6FP Datasheet HTML 2Page - ON Semiconductor MCR218-6FP Datasheet HTML 3Page - ON Semiconductor MCR218-6FP Datasheet HTML 4Page - ON Semiconductor MCR218-6FP Datasheet HTML 5Page - ON Semiconductor MCR218-6FP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MCR218−6FP, MCR218−10FP
http://onsemi.com
4
1
0.02
0.03
0.05
0.07
0.1
100
0.2
0.3
0.5
0.7
0.2 0.3
0.5
1
2
1.2
0.1
ZθJC(t) = RθJC • r(t)
1 CYCLE
1
60
SURGE IS PRECEDED AND
FOLLOWED BY RATED CURRENT
TC = 85°C
f = 60 Hz
NUMBER OF CYCLES
65
70
75
80
20
23
4
6
8
10
0.1
0.4
0.01
t, TIME (ms)
35
55
0.2
0.3
0.5
0.7
7
5
1
2
10
50
3
20
30
70
v F, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
2.8
4.4
3.6
5.2
6
2
30
50
100
200 300
500
2.0 k
10
3.0 k 5.0 k 10 k
1.0 k
Figure 3. Maximum On-State Characteristics
Figure 4. Maximum Non-Repetitive Surge Current
Figure 5. Thermal Response
TJ = 25°C
125°C


Similar Part No. - MCR218-6FP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR218-6 ONSEMI-MCR218-6 Datasheet
55Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
logo
Digitron Semiconductors
MCR218-6 DIGITRON-MCR218-6 Datasheet
295Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
MCR218-6 NJSEMI-MCR218-6 Datasheet
102Kb / 2P
   Thyristors Silicon-Controlled Rectifiers
logo
Kersemi Electronic Co.,...
MCR218-6 KERSEMI-MCR218-6 Datasheet
426Kb / 5P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR218-6G ONSEMI-MCR218-6G Datasheet
55Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
More results

Similar Description - MCR218-6FP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com