Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGSF3454XT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MGSF3454XT3
Description  Small-Signal MOSFETs Single N-Channel Field Effect Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGSF3454XT3 Datasheet(HTML) 2 Page - ON Semiconductor

  MGSF3454XT3 Datasheet HTML 1Page - ON Semiconductor MGSF3454XT3 Datasheet HTML 2Page - ON Semiconductor MGSF3454XT3 Datasheet HTML 3Page - ON Semiconductor MGSF3454XT3 Datasheet HTML 4Page - ON Semiconductor MGSF3454XT3 Datasheet HTML 5Page - ON Semiconductor MGSF3454XT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MGSF3454XT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 10 mA)
V(BR)DSS
30
Vdc
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 30 Vdc, VGS = 0 Vdc, TJ = 70°C)
IDSS
1.0
25
mAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
±100
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 mAdc)
VGS(th)
1.0
Vdc
Static Drain−to−Source On−Resistance
(VGS = 10 Vdc, ID = 1.75 A)
(VGS = 4.5 Vdc, ID = 1.5 A)
rDS(on)
0.05
0.07
0.065
0.095
Ohms
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 5.0 V)
Ciss
345
pF
Output Capacitance
(VDS = 5.0 V)
Coss
215
Transfer Capacitance
(VDG = 5.0 V)
Crss
140
SWITCHING CHARACTERISTICS(2)
Turn−On Delay Time
(VDD = 10 Vdc, ID = 1.0 A,
VGEN = 10 V, RL = 10 W)
td(on)
10
ns
Rise Time
tr
15
Turn−Off Delay Time
td(off)
20
Fall Time
tf
10
Gate Charge
QT
15
nC
SOURCE−DRAIN DIODE CHARACTERISTICS
Continuous Current
IS
1.0
A
Pulsed Current
ISM
5.0
A
Forward Voltage(2)
VSD
1.2
V
(1) Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Output Characteristics
Figure 2. On−Resistance versus Drain Current
7.0
10
1.0
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
7.0
6.0
4.0
5.0
3.0
ID, DRAIN CURRENT (AMPS)
7.0
0
0.10
0.06
0.04
0.02
2.0
1.0
4.0
2.0
3.0
5.0
6.0
8.0
9.0
5.0
6.0
1.0
2.0
3.0
4.0
0.08
0.12
0
0
VGS = 10 V
TJ = 150°C
VGS = 4.5 V
4.0 V
3.5 V
3.0 V
2.5 V
2.25 V
25
°C
-55
°C


Similar Part No. - MGSF3454XT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGSF3454XT1 MOTOROLA-MGSF3454XT1 Datasheet
138Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
More results

Similar Description - MGSF3454XT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442XT1 ONSEMI-MGSF3442XT1 Datasheet
129Kb / 4P
   Small-Signal MOSFETs Single N-Channel Field Effect Transistors
May, 2013 ??Rev. 2
MGSF3455XT1 ONSEMI-MGSF3455XT1 Datasheet
125Kb / 4P
   Small-Signal MOSFETs Single P-Channel Field Effect Transistors
May, 2013 ??Rev. 2
logo
Motorola, Inc
MMBF2201PT1 MOTOROLA-MMBF2201PT1 Datasheet
132Kb / 6P
   LOW RDS SMALL SIGNAL MOSFETS TMOS SINGLE P CHANNEL FIELD EFFECT TRANSISTORS
MGSF3441XT1 MOTOROLA-MGSF3441XT1 Datasheet
94Kb / 4P
   Low rDS(on) Small-Signal MOSFETs TMOS Single P-Channel Field Effect Transistors
logo
NXP Semiconductors
PMBFJ210 PHILIPS-PMBFJ210 Datasheet
100Kb / 12P
   N-channel field-effect transistors
1997 Dec 01
logo
Quanzhou Jinmei Electro...
BFR30-31_2015 JMNIC-BFR30-31_2015 Datasheet
83Kb / 12P
   N-channel field-effect transistors
BFR30-31 JMNIC-BFR30-31_15 Datasheet
83Kb / 12P
   N-channel field-effect transistors
logo
New Jersey Semi-Conduct...
2N4445 NJSEMI-2N4445 Datasheet
69Kb / 1P
   N-Channel Field Effect Transistors
logo
NXP Semiconductors
PMBF5484 PHILIPS-PMBF5484 Datasheet
96Kb / 10P
   N-channel field-effect transistors
April 1995
BFR30 PHILIPS-BFR30 Datasheet
93Kb / 12P
   N-channel field-effect transistors
1997 Dec 05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com